| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M95256-CS3G/A Datasheet(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95256-CS3G/A Datasheet(HTML) 26 Page - STMicroelectronics |
|
26 / 48 page ![]() Instructions M95256-DR, M95256, M95256-W, M95256-R 26/48 Doc ID 12276 Rev 11 The instruction is not accepted, and so not executed, under the following conditions: ● if the Write Enable Latch (WEL) bit has not been set to 1 (by previously executing a Write Enable instruction) ● if Status register bits (BP1,BP0) = (1,1) ● if a write cycle is already in progress ● if the device has not been deselected, by Chip Select (S) being driven high, at a byte boundary (after the eighth bit, b0, of the last data byte that was latched in) ● if the Identification page is locked by the Lock Status bit Figure 16. Lock ID sequence |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |