| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
R29 Datasheet(PDF) 72 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R29 Datasheet(HTML) 72 Page - Renesas Technology Corp |
|
72 / 473 page ![]() R8C/28 Group, R8C/29 Group 7. Programmable I/O Ports Rev.2.10 Sep 26, 2008 Page 53 of 441 REJ09B0279-0210 Figure 7.2 Configuration of Programmable I/O Ports (2) P1_6 Direction register Data bus Pull-up selection Input to individual peripheral function 1 Output from individual peripheral function P1_5 and P1_7 Direction register Data bus Pull-up selection Input to individual peripheral function 1 Input to external interrupt Digital filter Output from individual peripheral function Port latch Port latch NOTE: 1. symbolizes a parasitic diode. Ensure the input voltage to each port does not exceed VCC. (Note 1) (Note 1) Drive capacity select (For N, D version only) Drive capacity select (For N, D version only) Drive capacity select (For N, D version only) Drive capacity select (For N, D version only) (Note 1) (Note 1) |