| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLE4905L Datasheet(PDF) 7 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4905L Datasheet(HTML) 7 Page - Infineon Technologies AG |
|
7 / 20 page ![]() TLE4905L, TLE4935L, TLE4945L, TLE4945-2L Data Sheet 5 V1.5, 2007-11 Functional Description Bipolar Type TLE4935/45/45-2 (Figure 5 and 6) When a positive magnetic field is applied in the indicated direction (Figure 5) and the turn-on magnetic induction B OP is exceeded, the output of the Hall-effect IC will conduct (Operate Point). The output state does not change unless a reverse magnetic field exceeding the turn-off magnetic iinduction B RP is exceeded. In this case the output will turn off (Release Point; Figure 6). AES01231 S N Branded Side + V S - V Q + Ι Figure 5 Sensor/Magnetic-Field Configuration AED01421 Induction Output Voltage 0 B RP OP B B t V QH V QL Q V t Figure 6 Switching Characteristics Bipolar Type |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |