| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLE4905G Datasheet(PDF) 3 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4905G Datasheet(HTML) 3 Page - Infineon Technologies AG |
|
3 / 17 page ![]() Uni- and Bipolar Hall IC Switches for Magnetic Field Applications TLE4905G; TLE4935G; TLE4945-2G SOT-89 Data Sheet 3 V1.3, 2007-12-05 Features • Digital output signal • For unipolar and alternating magnetic fields • Large temperature range • Temperature compensated magnetic performance • Protection against reversed polarity • Output protection against electrical disturbances Type Marking Ordering Code Package TLE4905G 05 Q62705-K402 SOT-89 TLE4935G 35 Q62705-K404 SOT-89 TLE4945-2G 45 2 Q62705-K403 SOT-89 TLE4905/35/45-2 (Unipolar/Bipolar Magnetic Field Switches) have been designed specifically for automotive and industrial applications. Reverse polarity protection is included on-chip as is output protection against negative voltage transients. Typical applications are position/proximity indicators, brushless DC motor commutation, rotational indexing etc. |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |