| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CSR91B565JD Datasheet(PDF) 2 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
CSR91B565JD Datasheet(HTML) 2 Page - Kemet Corporation |
|
2 / 38 page ![]() TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003 KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300 5 • CAPACITANCE/VOLTAGE RANGE: .0023-1200µF, 6-125 Volts. • CAPACITANCE TOLERANCE: Available in stan- dard EIA values with ±20%, ±10% and ±5% toler- ances. • DISSIPATION FACTOR: Maximum DF limits are shown in corresponding series part number list- ings on pages 7-41. See Application Notes Section, page 76 for additional description. • DC LEAKAGE CURRENT: Each corresponding part number table lists maximum leakage current for each capacitor on pages 7-41. See Application Notes Section, page 76 for additional description. • RATED VOLTAGE; WORKING VOLTAGE; SURGE VOLTAGE; REVERSE VOLTAGE: See Application Notes Section, Pages 76 & 77 for description. • IMPEDANCE and ESR: See Application Notes Section, pages 77 & 78 for description. Reference ESR values are shown for commercial hermetical- ly sealed capacitors on page 19. • AC RIPPLE VOLTAGE: Permissible AC ripple volt- age is related to the ESR of the capacitor and the power dissipation capabilities of a particular case size. Thermal capacities for the various case sizes have been determined empirically and are listed below. For additional description see page 78. • ENVIRONMENTAL CONSIDERATIONS: A. Shock Test: MIL-STD-202, Method 213 B. Thermal Shock, MIL-STD-202, Method 107, Condition B. C. Moisture Resistance: MIL-STD-202, Method 106. D. Solderability: MIL-STD-202, Method 208 For additional Environmental Test Information see pages 80, 81 and 82. • LEAD MATERIAL: Standard leads are solder-coat- ed nickel per MIL-STD-1276. • INSULATING SLEEVES: The standard insulating material used in transparent high temperature plastic, having 2000 volt dielectric strength, excel- lent dimensional stability and chemical and cold flow resistance. • LEAD TAPE and REEL: Reeling per specification RS-296. See pages 71 and 73 for additional infor- mation. KEMET APPROVED FAILURE RATE LEVELS — MIL-PRF-39003/H (GRADED) KEMET APPROVED FAILURE STYLE DESCRIPTION SERIES RATE LEVEL* CSR09 Polar-Subminiature T222 D (0.001%/k hrs.) CSR13* Polar-Standard MIL Case T212 D (0.001%/k hrs.) CSS13** Polar-Standard MIL Case T216 C (0.01%/k hrs.) CSR21 Polar-Standard Low ESR MIL Case T262 D (0.001%/k hrs.) CSR23* Polar-Extended Range T242 D (0.001%/k hrs.) *Not approved to ‘D’ Failure Rate Level on all voltages and capacitance values. **MIL-PRF-39003/10 for space applications. *Not approved to ‘D’ Failure Rate Level on all voltages and capacitance values. **MIL-PRF-39003/10 for space applications. PERFORMANCE CHARACTERISTICS Standard Case Size Watts T222 A .09 .070 B .100 .090 C .125 — D .180 — Maximum Power Dissipation: 25°C Ambient KEMET APPROVED FAILURE STYLE DESCRIPTION SERIES RATE LEVEL* CSR33* Polar-Extended Range Low Leakage T252 D (0.001%/k hrs.) CSS33** Polar-Extended Range Low Leakage T256 C (0.01%/k hrs.) CSR91* Non-Polar T213 D (0.001%/k hrs.) |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |