| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MSC8154 Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MSC8154 Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc |
|
55 / 68 page ![]() Hardware Design Considerations MSC8154 Quad-Core Digital Signal Processor Data Sheet, Rev. 2 Freescale Semiconductor 55 Notes: 1. If the M3 memory is not used, M3VDD can be tied to GND. 2. If the MAPLE-B is not used, MVDD can be tied to GND. 3. If the HSSI port1 is not used, SXCVDD1and SXPVDD1 must be connected to the designated power supplies. 4. If the HSSI port2 is not used, SXCVDD2 and SXPVDD2 must be connected to the designated power supplies. 5. If the DDR port 1 interface is not used, it is recommended that GVDD1 be left unconnected. 6. If the DDR port 2 interface is not used, it is recommended that GVDD2 be left unconnected. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |