Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

2N3947 Datasheet(PDF) 1 Page - Seme LAB

No. de pieza 2N3947
Descripción Electrónicos  Bipolar NPN Device in a Hermetically sealed TO18
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEME-LAB [Seme LAB]
Página de inicio  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3947 Datasheet(HTML) 1 Page - Seme LAB

  2N3947 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N3947
Bipolar NPN Device.
V
CEO =
40V
I
C = 0.2A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
40
V
I
C(CONT)
0.2
A
h
FE
@ 10/1m (V
CE / IC)
100
-
f
t
300M
Hz
P
D
0.36
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
2-Aug-02
TO18 (TO206AA)
PINOUTS
1 – Emitter
2 – Base
3 – Collector
Bipolar NPN Device in a
Hermetically sealed TO18
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
1
3
2
2.54 (0.100)
Nom.
0.48 (0.019)
0.41 (0.016)
dia.
5.84 (0.230)
5.31 (0.209)
4.95 (0.195)
4.52 (0.178)


Número de pieza similar - 2N3947

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
New Jersey Semi-Conduct...
2N3947 NJSEMI-2N3947 Datasheet
114Kb / 1P
SI NPN LP HF BJT
logo
Central Semiconductor C...
2N3947 CENTRAL-2N3947 Datasheet
534Kb / 1P
Small Signal Transistors
2N3947 CENTRAL-2N3947_15 Datasheet
541Kb / 2P
SILICON NPN TRANSISTOR
More results

Descripción similar - 2N3947

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
2N915 SEME-LAB-2N915 Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18
2N2368 SEME-LAB-2N2368 Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18
2N3011 SEME-LAB-2N3011 Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18
2S104 SEME-LAB-2S104 Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18
BC394 SEME-LAB-BC394 Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18
BCW34X SEME-LAB-BCW34X Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18
BFT29X SEME-LAB-BFT29X Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18
BFY74 SEME-LAB-BFY74 Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18
BSX52A SEME-LAB-BSX52A Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18
CV7477 SEME-LAB-CV7477 Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com