Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TR136D Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza TR136D
Descripción Electrónicos  High voltage fast-switching NPN power transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TR136D Datasheet(HTML) 7 Page - STMicroelectronics

  TR136D Datasheet HTML 1Page - STMicroelectronics TR136D Datasheet HTML 2Page - STMicroelectronics TR136D Datasheet HTML 3Page - STMicroelectronics TR136D Datasheet HTML 4Page - STMicroelectronics TR136D Datasheet HTML 5Page - STMicroelectronics TR136D Datasheet HTML 6Page - STMicroelectronics TR136D Datasheet HTML 7Page - STMicroelectronics TR136D Datasheet HTML 8Page - STMicroelectronics TR136D Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
TR136D
Package mechanical data
7/9
DIM.
mm.
MIN.
TYP
MAX.
A
4.47
4.67
b
0.70
0.91
b1
1.17
1.37
c0.310.53
D
14.60
15.70
E
9.96
10.36
e2.54
e1
4.98
5.08
5.18
F
1.17
1.37
H1
6.10
6.80
J1
2.52
2.82
L
12.70
13.80
L1
3.20
3.96
L20
15.21
16.77
øP
3.733.94
Q2.59
2.89
TO-220 type E mechanical data
7655923_B



Html Pages

1 2 3 4 5 6 7 8 9