Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

IC-NQL Datasheet(PDF) 5 Page - IC-Haus GmbH

No. de pieza IC-NQL
Descripción Electrónicos  13-bit Sin/D CONVERTER WITH SSI INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ICHAUS [IC-Haus GmbH]
Página de inicio  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-NQL Datasheet(HTML) 5 Page - IC-Haus GmbH

  IC-NQL Datasheet HTML 1Page - IC-Haus GmbH IC-NQL Datasheet HTML 2Page - IC-Haus GmbH IC-NQL Datasheet HTML 3Page - IC-Haus GmbH IC-NQL Datasheet HTML 4Page - IC-Haus GmbH IC-NQL Datasheet HTML 5Page - IC-Haus GmbH IC-NQL Datasheet HTML 6Page - IC-Haus GmbH IC-NQL Datasheet HTML 7Page - IC-Haus GmbH IC-NQL Datasheet HTML 8Page - IC-Haus GmbH IC-NQL Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
iC-NQL
13-bit Sin/D CONVERTER WITH SSI INTERFACE
Rev B1, Page 5/24
ABSOLUTE MAXIMUM RATINGS
These ratings do not imply operating conditions; functional operation is not guaranteed. Beyond these ratings device damage may occur.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 VDDA
Analog Supply Voltage
-0.3
6
V
G002 VDD
Digital Supply Voltage
-0.3
6
V
G003 Vpin()
Voltage at
PSIN, NSIN, PCOS, NCOS, PZERO,
NZERO, VREF, NERR, SCL,
SDA, CLK, DATA, A, B, Z
V() < VDDA + 0.3 V
-0.3
6
V
V() < VDD + 0.3 V
G004 Imx(VDDA) Current in VDDA
-50
50
mA
G005 Imx(GNDA) Current in GNDA
-50
50
mA
G006 Imx(VDD)
Current in VDD
-50
50
mA
G007 Imx(GND)
Current in GND
-50
50
mA
G008 Imx()
Current in
PSIN, NSIN, PCOS, NCOS, PZERO,
NZERO, VREF, NERR, SCL, SDA,
CLK, DATA, A, B, Z
-10
10
mA
G009 Ilu()
Pulse Current in all pins
(Latch-up Strength)
according to Jedec Standard No. 78;
-100
100
mA
Ta = 25 °C, pulse duration to 10 µs,
VCC = VCCmax, VDD = VDDmax,
Vlu() = (-0.5...+1.5) x Vpin()max
G010 Vd()
ESD Susceptibility at all pins
HBM 100 pF discharged through 1.5 kΩ
2
kV
G011 Tj
Junction Temperature
-40
150
°C
G012 Ts
Storage Temperature Range
-40
150
°C
THERMAL DATA
Operating Conditions: VDDA = VDD = 5 V ±10 %
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
T01
Ta
Operating Ambient Temperature Range
(extended temperature range of
-40 to 125 °C available on request)
-25
85
°C
All voltages are referenced to ground unless otherwise stated.
All currents flowing into the device pins are positive; all currents flowing out of the device pins are negative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com