Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AP358SL-13 Datasheet(PDF) 1 Page - Diodes Incorporated

No. de pieza AP358SL-13
Descripción Electrónicos  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP358SL-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP358SL-13 Datasheet HTML 1Page - Diodes Incorporated AP358SL-13 Datasheet HTML 2Page - Diodes Incorporated AP358SL-13 Datasheet HTML 3Page - Diodes Incorporated AP358SL-13 Datasheet HTML 4Page - Diodes Incorporated AP358SL-13 Datasheet HTML 5Page - Diodes Incorporated AP358SL-13 Datasheet HTML 6Page - Diodes Incorporated AP358SL-13 Datasheet HTML 7Page - Diodes Incorporated AP358SL-13 Datasheet HTML 8Page - Diodes Incorporated AP358SL-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AP358
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358
Document number: DS31007 Rev. 6 - 2
1 of 16
www.diodes.com
July 2010
© Diodes Incorporated
Description
The AP358 series consists of two independent, high gain,
internally
frequency
compensated
operational
amplifiers
which were designed specifically to operate from a single
power supply over a wide range of voltages. Operation from
split power supplies is also possible and the low power supply
current drain is independent of the magnitude of the power
supply voltage.
Application areas include transducer amplifiers, dc gain
blocks and all the conventional op amp circuits which now can
be more easily implemented in single power supply systems.
For example, the AP358 series can be directly operated off of
the standard +5V power supply voltage which is used in
digital systems and will easily provide the required interface
electronics without requiring the additional ±15V power
supply.
Features
•
Internally frequency compensated for unity gain
•
Large dc voltage gain: 100 dB
•
Very low supply current drain (500
μA)-essentially
independent of supply voltage
•
Wide bandwidth (unity gain): 1 MHz (temperature
compensated)
•
Input common-mode voltage range includes ground
•
Differential input voltage range equal to the power supply
voltage
•
Low input offset voltage: 2mV
•
Wide power supply range:
•
Single supply: 3V to 32V
•
Or dual supplies: ±1.5V to ±16V
•
Large output voltage swing: 0V to V
+ - 1.5V
•
Lead Free packages: SOP-8L and PDIP-8L
•
SOP-8L and PDIP-8L: Available in “Green” Molding
Compound (No Br, Sb)
•
Lead Free Finish/ RoHS Compliant (Note 1)
Pin Assignments
SOP-8L
1
2
3
45
6
7
8
( Top View )
INVERTING INPUT 1
GND
AP358
NON-INVERTING INPUT 1
OUTPUT 2
OUTPUT 1
V
+
INVERTING INPUT 2
NON-INVERTING INPUT 2
PDIP-8L
1
2
3
45
6
7
8
( Top View )
INVERTING INPUT 1
GND
AP358
NON-INVERTING INPUT 1
OUTPUT 2
OUTPUT 1
V
+
INVERTING INPUT 2
NON-INVERTING INPUT 2
Application
•
Eliminate the need for dual supplies
•
Compatible with all forms of logic
•
Two internally compensated op amps
•
Low power drain suitable for battery operation
•
Allows direct sensing near GND and VOUT also goes to
GND
Unique Characteristics
•
In the linear mode the input common-mode voltage
range includes ground and the output voltage can also
swing to ground, even though operated from only a
single power supply voltage.
•
The unity gain cross frequency is temperature
compensated.
•
The input bias current is also temperature compensate.
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.


Número de pieza similar - AP358SL-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
AP358SL-13 DIODES-AP358SL-13 Datasheet
298Kb / 15P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
More results

Descripción similar - AP358SL-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
Low Power Dual Operational Amplifiers
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
Low power dual operational amplifiers
25-Apr-2007
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
Low power dual operational amplifiers
11-Feb-2008
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
Low Power Dual Operational Amplifiers
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com