Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AP1538 Datasheet(PDF) 8 Page - Diodes Incorporated

No. de pieza AP1538
Descripción Electrónicos  18V 3A 300KHz BUCK CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1538 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP1538_09 Datasheet HTML 4Page - Diodes Incorporated AP1538_09 Datasheet HTML 5Page - Diodes Incorporated AP1538_09 Datasheet HTML 6Page - Diodes Incorporated AP1538_09 Datasheet HTML 7Page - Diodes Incorporated AP1538_09 Datasheet HTML 8Page - Diodes Incorporated AP1538_09 Datasheet HTML 9Page - Diodes Incorporated AP1538_09 Datasheet HTML 10Page - Diodes Incorporated AP1538_09 Datasheet HTML 11Page - Diodes Incorporated AP1538_09 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AP1538
18V 3A 300KHz BUCK CONVERTER
AP1538 Rev. 5
8 of 13
OCTOBER 2009
DS31451
www.diodes.com
© Diodes Incorporated
Test Circuit
A
FB
V
CC
V
SS
EN
open
open
FB
EN
+
-
OUTPUT
OUTPUT
A
FB
EN
+
-
+
-
V
OUTPUT
OCSET
OCSET
OCSET
Enable function test
Feedback function test
Operation function test
V
CC
V
CC
V
SS
V
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com