Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM8L151C6Y3 Datasheet(PDF) 25 Page - STMicroelectronics

No. de pieza STM8L151C6Y3
Descripción Electrónicos  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C6Y3 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM8L151C6Y3 Datasheet HTML 21Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 22Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 23Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 24Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 25Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 26Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 27Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 28Page - STMicroelectronics STM8L151C6Y3 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 122 page
background image
STM8L151xx, STM8L152xx
Pin description
Doc ID 15962 Rev 5
25/122
Figure 5.
STM8L151Kx 32-pin package pinout (without LCD)
1.
Example given for the UFQFPN32 package. The pinout is the same for the LQFP32 package.
Figure 6.
STM8L152Kx 32-pin package pinout (with LCD)
1.
Example given for the UFQFPN32 package. The pinout is the same for the LQFP32 package.
Figure 7.
STM8L151Cx 48-pin pinout (without LCD)
1.
Reserved. Must be tied to VDD.
44 43 42 41 40 39 38 37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
12
13 14 15 16 17 18 19 20 21 22
1
2
3
4
5
6
7
8
9
10
11
48 47 46 45
PA5
VSS1/VSSA/VREF-
NRST/PA1
PA2
PA3
PA4
PA6
PA7
VDD1
VDDA
VREF+
PB1
PB2
PB3
PB4
PB5
PB6
PB7
PF0
PD4
PD5
PD6
PD7
PA0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More