| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM8L151C6Y6 Datasheet(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L151C6Y6 Datasheet(HTML) 21 Page - STMicroelectronics |
|
21 / 122 page ![]() STM8L151xx, STM8L152xx Functional overview Doc ID 15962 Rev 5 21/122 3.13.1 TIM1 - 16-bit advanced control timer This is a high-end timer designed for a wide range of control applications. With its complementary outputs, dead-time control and center-aligned PWM capability, the field of applications is extended to motor control, lighting and half-bridge driver. ● 16-bit up, down and up/down autoreload counter with 16-bit prescaler ● 3 independent capture/compare channels (CAPCOM) configurable as input capture, output compare, PWM generation (edge and center aligned mode) and single pulse mode output ● 1 additional capture/compare channel which is not connected to an external I/O ● Synchronization module to control the timer with external signals ● Break input to force timer outputs into a defined state ● 3 complementary outputs with adjustable dead time ● Encoder mode ● Interrupt capability on various events (capture, compare, overflow, break, trigger) 3.13.2 16-bit general purpose timers ● 16-bit autoreload (AR) up/down-counter ● 7-bit prescaler adjustable to fixed power of 2 ratios (1…128) ● 2 individually configurable capture/compare channels ● PWM mode ● Interrupt capability on various events (capture, compare, overflow, break, trigger) ● Synchronization with other timers or external signals (external clock, reset, trigger and enable) 3.13.3 8-bit basic timer The 8-bit timer consists of an 8-bit up auto-reload counter driven by a programmable prescaler. It can be used for timebase generation with interrupt generation on timer overflow or for DAC trigger generation. Table 3. Timer feature comparison Timer Counter resolution Counter type Prescaler factor DMA1 request generation Capture/compare channels Complementary outputs TIM1 16-bit up/down Any integer from 1 to 65536 Yes 3 + 1 3 TIM2 Any power of 2 from 1 to 128 2 None TIM3 TIM4 8-bit up Any power of 2 from 1 to 32768 0 |