| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DMN2009LSS Datasheet(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
DMN2009LSS Datasheet(HTML) 2 Page - Diodes Incorporated |
|
2 / 5 page ![]() DMN2009LSS Document number: DS31409 Rev. 6- 2 2 of 5 www.diodes.com June 2010 © Diodes Incorporated DMN2009LSS Electrical Characteristics @TA = 25°C unless otherwise specified Characteristic Symbol Min Typ Max Unit Test Condition OFF CHARACTERISTICS (Note 5) Drain-Source Breakdown Voltage BVDSS 20 ⎯ ⎯ V VGS = 0V, ID = 250μA Zero Gate Voltage Drain Current IDSS ⎯ ⎯ 1 μA VDS = 20V, VGS = 0V Gate-Source Leakage IGSS ⎯ ⎯ ±100 nA VGS = ±12V, VDS = 0V ON CHARACTERISTICS (Note 5) Gate Threshold Voltage VGS(th) 0.5 ⎯ 1.2 V VDS = VGS, ID = 250μA Static Drain-Source On-Resistance RDS (ON) ⎯ ⎯ ⎯ ⎯ 8 9 12 m Ω VGS = 10V, ID = 12A VGS = 4.5V, ID = 10A VGS = 2.5V, ID = 8A Forward Transconductance gfs ⎯ 27 ⎯ S VDS = 5V, ID = 6.5A Diode Forward Voltage (Note 5) VSD 0.5 0.7 1.2 V VGS = 0V, IS = 3A DYNAMIC CHARACTERISTICS Input Capacitance Ciss ⎯ 2555 ⎯ pF VDS = 10V, VGS = 0V, f = 1.0MHz Output Capacitance Coss ⎯ 523 ⎯ pF Reverse Transfer Capacitance Crss ⎯ 496 ⎯ pF Gate Resistance RG ⎯ 1.1 ⎯ Ω VGS = 0V VDS = 0V, f = 1MHz SWITCHING CHARACTERISTICS Total Gate Charge Qg ⎯ 28.9 58.3 ⎯ nC VDS = 10V, VGS = 4.5V, ID = 12A VDS = 10V, VGS = 10V, ID = 12A Gate-Source Charge Qgs ⎯ 3.7 ⎯ VDS = 10V, VGS = 10V, ID = 12A Gate-Drain Charge Qgd ⎯ 11.4 ⎯ VDS = 10V, VGS = 10V, ID = 12A Notes: 5. Short duration pulse test used to minimize self-heating effect. 01 2 3 4 5 Fig. 1 Typical Output Characteristics V , DRAIN-SOURCE VOLTAGE (V) DS 0 5 10 15 20 25 30 V = 2.5V GS V = 4.5V GS V = 10V GS V = 1.5V GS V = 3.0V GS V = 4.0V GS V = 5V DS Fig. 2 Typical Transfer Characteristics V , GATE SOURCE VOLTAGE (V) GS 0 5 10 15 20 25 30 0.4 0.6 0.8 1 1.2 1.4 1.6 V = 10V DS T = -55°C A T = 25°C A T = 125°C A T = 150°C A T = 85°C A |