Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DMN4468LSS Datasheet(PDF) 2 Page - Diodes Incorporated

No. de pieza DMN4468LSS
Descripción Electrónicos  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN4468LSS Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN4468LSS Datasheet HTML 1Page - Diodes Incorporated DMN4468LSS Datasheet HTML 2Page - Diodes Incorporated DMN4468LSS Datasheet HTML 3Page - Diodes Incorporated DMN4468LSS Datasheet HTML 4Page - Diodes Incorporated DMN4468LSS Datasheet HTML 5Page - Diodes Incorporated DMN4468LSS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN4468LSS
Document number: DS31773 Rev. 3 - 2
2 of 6
www.diodes.com
June 2009
© Diodes Incorporated
DMN4468LSS
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current TJ = 25°C
IDSS
-
-
1.0
μA
VDS = 30V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(th)
1.05
-
1.95
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
-
11
15
14
20
mΩ
VGS = 10V, ID = 11.6A
VGS = 4.5V, ID = 10A
Forward Transfer Admittance
|Yfs|
-
8
-
S
VDS = 5V, ID = 11.6A
Diode Forward Voltage
VSD
-
0.73
0.95
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
-
867
-
pF
VDS =10V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
85
-
pF
Reverse Transfer Capacitance
Crss
-
81
-
pF
Gate Resistance
Rg
-
1.39
-
Ω
VDS =0V, VGS = 0V, f = 1MHz
Total Gate Charge
Qg
-
18.85
-
nC
VGS =10V, VDS = 15V,
ID =11.6A
Gate-Source Charge
Qgs
-
2.59
-
nC
Gate-Drain Charge
Qgd
-
6.15
-
nC
Turn-On Delay Time
tD(on)
-
5.46
-
ns
VDD = 15V, VGS = 10V,
RL = 1.3Ω, RG = 3Ω, ID = 1A
Turn-On Rise Time
tr
-
14.53
-
ns
Turn-Off Delay Time
tD(off)
-
18.84
-
ns
Turn-Off Fall Time
tf
-
6.01
-
ns
Notes:
5. Short duration pulse test used to minimize self-heating effect.
0
5
10
15
20
25
30
01
2
3
4
5
Fig. 1 Typical Output Characteristic
V
, DRAIN-SOURCE VOLTAGE (V)
DS
V
= 2.2V
GS
V
= 2.5V
GS
V
= 3.0V
GS
V
= 4.5V
GS
V
= 8.0V
GS
V
= 2.8V
GS
0
5
10
15
20
25
30
1
1.5
2
2.5
3
3.5
Fig. 2 Typical Transfer Characteristic
V
, GATE-SOURCE VOLTAGE (V)
GS
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 5V
DS



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com