| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM4040 Datasheet(PDF) 9 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
LM4040 Datasheet(HTML) 9 Page - Diodes Incorporated |
|
9 / 10 page ![]() LM4040 LM4040 Document number: DS33195 Rev. 5 - 2 9 of 10 www.diodes.com November 2010 © Diodes Incorporated A Product Line of Diodes Incorporated Package Outline Dimensions SOT23 E e L e1 D A c E1 L1 A1 b 3leads Dim. Millimeters Inches Dim. Millimeters Inches Min Max Min Max Min Max Min Max A - 1.12 - 0.044 e1 1.90 NOM 0.075 NOM A1 0.01 0.10 0.0004 0.004 E 2.10 2.64 0.083 0.104 b 0.30 0.50 0.012 0.020 E1 1.20 1.40 0.047 0.055 c 0.085 0.20 0.003 0.008 L 0.25 0.60 0.0098 0.0236 D 2.80 3.04 0.110 0.120 L1 0.45 0.62 0.018 0.024 e 0.95 NOM 0.037 NOM - - - - - Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches SC70-5 Dim. Millimeters Inches Dim. Millimeters Inches Min Max Min Max Min Max Min Max A 0.80 1.10 0.0315 0.0433 E 2.10 BSC 0.0826 BSC A1 - 0.10 - 0.0039 E1 1.25 BSC 0.0492 BSC A2 0.80 1.00 0.0315 0.0394 e 0.65 BSC 0.0255 BSC b 0.15 0.30 0.006 0.0118 e1 1.30 BSC 0.0511 BSC C 0.08 0.25 0.0031 0.0098 L 0.26 0.46 0.0102 0.0181 D 2.00 BSC 0.0787 BSC a° 0 8 0 8 Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |