Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ADM1166 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza ADM1166
Descripción Electrónicos  Super Sequencer with Margining Control and Nonvolatile Fault Recording
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM1166 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM1166 Datasheet HTML 5Page - Analog Devices ADM1166 Datasheet HTML 6Page - Analog Devices ADM1166 Datasheet HTML 7Page - Analog Devices ADM1166 Datasheet HTML 8Page - Analog Devices ADM1166 Datasheet HTML 9Page - Analog Devices ADM1166 Datasheet HTML 10Page - Analog Devices ADM1166 Datasheet HTML 11Page - Analog Devices ADM1166 Datasheet HTML 12Page - Analog Devices ADM1166 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
ADM1166
Rev. 0 | Page 9 of 32
Pin No.
40-Lead
LFCSP
48-Lead
TQFP
Mnemonic
Description
39
46
VDDCAP
Device Supply Voltage. Linearly regulated from the highest of the VPx and VH pins to a
typical of 4.75 V. Note that the capacitor must be connected between this pin and GND.
A 10 μF capacitor is recommended for this purpose.
40
47
GND1
Supply Ground.
Not applicable
EPAD
Exposed Pad. This pad is a no connect (NC). If possible, this pad should be soldered to the
board for improved mechanical stability.
1 In a typical application, all ground pins are connected together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com