Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MIC2199YML Datasheet(PDF) 4 Page - Micrel Semiconductor

No. de pieza MIC2199YML
Descripción Electrónicos  300kHz 4mm4mm Synchronous Buck Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICREL [Micrel Semiconductor]
Página de inicio  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2199YML Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2199YML Datasheet HTML 1Page - Micrel Semiconductor MIC2199YML Datasheet HTML 2Page - Micrel Semiconductor MIC2199YML Datasheet HTML 3Page - Micrel Semiconductor MIC2199YML Datasheet HTML 4Page - Micrel Semiconductor MIC2199YML Datasheet HTML 5Page - Micrel Semiconductor MIC2199YML Datasheet HTML 6Page - Micrel Semiconductor MIC2199YML Datasheet HTML 7Page - Micrel Semiconductor MIC2199YML Datasheet HTML 8Page - Micrel Semiconductor MIC2199YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
January 2010
4
M9999-011310
Micrel, Inc.
MIC2199
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-40 -20 0 20 40 60 80 100120140
TEMPERATURE(°C)
Quiescent Current
vs. Temperature
P W M
UVLO
Shutdown
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4
9
14 19 24 29 34
SUPPLYVOLTAGE(V)
Quiescent Current
vs. Supply Voltage
P WM
UVLO
Shutdown
0.808
0.810
0.812
0.814
0.816
0.818
0.820
0
5 10 15 20 25 30 35
SUPPLYVOLTAGE(V)
VFB
Line Regulation
0.8
0.802
0.804
0.806
0.808
0.810
0.812
0.814
0.816
0.818
0.82
-40 -20 0 20 40 60 80 100120140
TEMPERATURE(°C)
VFB
vs. Temperature
4.94
4.95
4.96
4.97
4.98
4.99
5.00
5.01
5.02
0
5
10
15
20
25
30
LOADCURRENT(mA)
VDD
Load Regulation
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
-40 -20 0 20 40 60 80 100120140
TEMPERATURE(°C)
VDD
vs. Temperature
-10
-8
-6
-4
-2
0
2
4
6
8
10
-40 -20 0 20 40 60 80 100120140
TEMPERATURE(°C)
Oscillator Frequency
vs. Temperature
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
0.25
0
5 10 15 20 25 30 35
SUPPLYVOLTAGE(V)
Oscillator Frequency
vs. Supply Voltage
Typical Characteristics
64
66
68
70
72
74
76
78
-40 -20 0 20 40 60 80 100120140
TEMPERATURE(°C)
Overcurrent Threshold
vs. Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
1
2
3
4
5
OUTPUTCURRENT(A)
Current Limit
Foldback
VIN = 5V
VOUT = 3.3V
RCS = 20mV
0
1.0
2.0
3.0
4.0
5.0
6.0
0
8 12 16 20 24 28
SUPPLYVOLTAGE(V)
VDD
Line Regulation
32
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com