Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

2SC5232 Datasheet(PDF) 2 Page - Toshiba Semiconductor

No. de pieza 2SC5232
Descripción Electrónicos  General Purpose Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5232 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC5232_03 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5232_03 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5232_03 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5232_03 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5232_03 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC5232
2003-03-27
2
Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 15 V, IE = 0
¾
¾
0.1
mA
Emitter cut-off current
IEBO
VEB = 5 V, IC = 0
¾
¾
0.1
mA
DC current gain
hFE
(Note)
VCE = 2 V, IC = 10 mA
300
¾
1000
VCE (sat) (1)
IC = 10 mA, IB = 0.5 mA
¾
15
30
Collector-emitter saturation voltage
VCE (sat) (2)
IC = 200 mA, IB = 10 mA
¾
110
250
mV
Base-emitter saturation voltage
VBE (sat)
IC = 200 mA, IB = 10 mA
¾
0.87
1.2
V
Transition frequency
fT
VCE = 2 V, IC = 10 mA
80
130
¾
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
¾
4.2
pF
Collector-emitter on resistance
Ron
IB = 1 mA, Vin = 1 Vrms, f = 1 kHz
¾
0.9
¾
W
Turn-on time
ton
¾
85
¾
Storage time
tstg
¾
170
¾
Switching time
Fall time
tf
Duty cycle <
= 2%
IB1 = -IB2 = 5 mA
¾
40
¾
ns
Note: hFE classification A: 300~600, B: 500~1000



Html Pages

1 2 3 4 5