Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LC74799 Datasheet(PDF) 21 Page - Sanyo Semicon Device

No. de pieza LC74799
Descripción Electrónicos  On-Screen Display Controller IC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74799 Datasheet(HTML) 21 Page - Sanyo Semicon Device

Back Button LC74799 Datasheet HTML 17Page - Sanyo Semicon Device LC74799 Datasheet HTML 18Page - Sanyo Semicon Device LC74799 Datasheet HTML 19Page - Sanyo Semicon Device LC74799 Datasheet HTML 20Page - Sanyo Semicon Device LC74799 Datasheet HTML 21Page - Sanyo Semicon Device LC74799 Datasheet HTML 22Page - Sanyo Semicon Device LC74799 Datasheet HTML 23Page - Sanyo Semicon Device LC74799 Datasheet HTML 24Page - Sanyo Semicon Device LC74799 Datasheet HTML 25Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
No. 5834-21/32
LC74799, 74799M
COMMAND13 (VPS/PDC control setup command) Only using the I2C bus
• First byte
DA
Register
Contents
Notes
0 to 7
State
Function
7—
1
6—
1
5—
1
4—
1
3—
0
2—
1
1—
0
0—
1
Command 7 identification code.
Display control setup.
Extended command 5 identification code
• Second byte
Note: All registers are set to 0 when the LC74799/M is reset by the RST pin.
DA
Register
Contents
Notes
0 to 7
State
Function
7
—
0
Second byte identification bit
6
CPA1
0
1
5
CPA0
0
1
4—
0
3
VPM3
0
1
2
VPM2
0
1
1
VPM1
0
1
0
VPM0
0
1
Data acquisition clock switching
CPA1
CPA0
Clock
00
No.4
01
No.3
10
No.2
11
No.1
VPM3 VPM2 VPM1 VPM0
Operating mode
0000
VPS
0
0
0
1
8/30/2 (PDC)
0
0
1
0
Automatic PDC/VPS switching
0
0
1
1
8/30/1 (UDT)
0
1
0
0
Header time 1
0
1
0
1
Header time 2
0
1
1
0
Header time 3
0
1
1
1
Header time 4
1
0
0
0
Status display 1
1
0
0
1
Status display 2
1
0
1
0
Status display 3
1
0
1
1
Status display 4
1
1
0
0
PAL Pulse
1
1
0
1
Automatic PDC/VPS switching 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com