| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
507-142NF09EB Datasheet(PDF) 1 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
507-142NF09EB Datasheet(HTML) 1 Page - Glenair, Inc. |
|
|
1 / 1 page ![]() U.S. CAGE Code 06324 www.glenair.com E-Mail: sales@glenair.com GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2011 Glenair, Inc. Printed in U.S.A. M M-16 EMI/RFI Dual Entry Banding Backshell 507-142 Dual Cable Entry EMI backshell allows attachment of two separate wire bundles to the same Micro-D connector. This backshell accepts both standard and micro shield termination straps. Size A Max. B Max. C D Max. E Max. F G H Max. In. mm. In. mm. In. mm. In. mm. In. mm. In. mm. In. mm. In. mm. 21 1.150 29.21 .370 9.40 .865 21.97 1.030 26.16 .740 18.80 .125 3.18 .281 7.13 .590 14.99 25 1.250 31.75 .370 9.40 .965 24.51 1.090 27.69 .850 21.59 .188 4.78 .344 8.74 .650 16.51 31 1.400 35.56 .370 9.40 1.115 28.32 1.150 29.21 .980 24.89 .250 6.35 .406 10.31 .710 18.03 37 1.550 39.37 .370 9.40 1.265 32.13 1.190 30.23 1.130 28.70 .344 8.74 .500 12.70 .750 19.05 51 1.500 38.10 .410 10.41 1.215 30.86 2.130 54.10 1.080 27.43 .312 7.92 .469 11.91 .780 19.81 51-2 1.910 48.51 .370 9.40 1.615 41.02 2.130 54.10 1.510 38.35 .281 7.13 .469 11.91 .780 19.81 67 2.310 58.67 .370 9.40 2.015 51.18 2.130 54.10 1.880 47.75 .281 7.13 .469 11.91 .780 19.81 69 1.810 45.97 .410 10.41 1.515 38.48 2.130 54.10 1.380 35.05 .312 7.93 .469 11.91 .780 19.81 100 2.235 56.77 .460 11.68 1.800 45.72 1.280 32.51 1.470 37.34 .500 12.70 .688 17.48 .840 21.34 HOW TO ORDER 507-142 DUAL ENTRY BACKSHELLS Series Shell Finish Connector Size Hardware Option EMI Band Strap Option 507-142 E – Chem Film J – Cadmium, Yellow Chromate M – Electroless Nickel NF – Cadmium, Olive Drab Z2 – Gold 09 51 15 51-2 21 67 25 69 31 100 37 B – Fillister Head Jackscrew H – Hex Head Jackscrew E – Extended Jackscrew F – Jackpost, Female Omit (Leave Blank) Band Not Included B – Standard Band (2 supplied) .250" Wide M – Micro Band (2 supplied) .125" Wide Sample Part Number 507-142 M 25 H CODE B FILLISTER HEAD JACKSCREW CODE H HEX HEAD JACKSCREW CODE F FEMALE JACKPOST CODE E EXTENDED JACKSCREW C B A CONNECTOR ORDERED SEPARATELy G F E H D .175 (4.4) .44 (11.1) #2-56 UNC THDS. 9-69 PIN #4-40 UNC THDS. 100 PIN MATERIALS Shell Aluminum Alloy 6061 -T6 Clips 17-7PH Stainless Steel Hardware 300 Series Stainless Steel |
Número de pieza similar - 507-142NF09EB |
|
Descripción similar - 507-142NF09EB |