Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BFX40 Datasheet(PDF) 1 Page - Seme LAB

No. de pieza BFX40
Descripción Electrónicos  PNP SILICON EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEME-LAB [Seme LAB]
Página de inicio  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BFX40 Datasheet(HTML) 1 Page - Seme LAB

  BFX40 Datasheet HTML 1Page - Seme LAB BFX40 Datasheet HTML 2Page - Seme LAB BFX40 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BFX38
BFX39
BFX40
BFX41
Prelim.9/00
Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
VCBO
Collector – Base Voltage
VCEO
Collector – Emitter Voltage
VEBO
Emitter – Base Voltage
IC
Collector Current
Ptot
Total Power Dissipation Tamb < 25°C
Tcase < 25°C
Tstg,Tj
Storage and Junction Temperature
-5V
-1A
0.8W
4W
–55 to 200°C
MECHANICAL DATA
Dimensions in mm (inches)
PNP SILICON EPITAXIAL
TRANSISTOR
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
APPLICATIONS
• General Purpose Industrial Applications
0. 89
( 0 . 035)
ma x .
12. 7 0
( 0 . 500)
mi n .
6. 1 0 ( 0. 2 40)
6. 6 0 ( 0. 2 60)
8. 89 ( 0 . 35)
9. 40 ( 0 . 37)
7. 7 5 ( 0. 3 05)
8. 5 1 ( 0. 3 35)
7. 7 5 ( 0. 3 05)
8. 5 1 ( 0. 3 35)
di a.
0. 66 ( 0 . 026)
1. 14 ( 0 . 045)
0. 71 ( 0 . 028)
0. 86 ( 0 . 034)
2. 54
( 0 . 100)
5. 0 8 ( 0. 2 00)
ty p .
45 °

!
TO39 PACKAGE
Pin 1 = Emitter
Pin 2 = Base
Pin 3 = Collector
BFX38
BFX39
BFX40
BFX41
-55V
-55V
-75V
-75V
DESCRIPTION
The BFX38-41 are ailicon planar epitaxial
PNP transitors in Jedec TO39 metal case,
designed for a wide variety of applications.


Número de pieza similar - BFX40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
BFX40 SEME-LAB-BFX40 Datasheet
47Kb / 3P
PNP SILICON EPITAXIAL TRANSISTOR
logo
New Jersey Semi-Conduct...
BFX40 NJSEMI-BFX40 Datasheet
91Kb / 3P
PNP SILICON EPITAXIAL
More results

Descripción similar - BFX40

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
UTC2SA1015 UTC-UTC2SA1015 Datasheet
62Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Samsung semiconductor
2N5401 SAMSUNG-2N5401 Datasheet
76Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
BCW69 SAMSUNG-BCW69 Datasheet
28Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BCX71G FAIRCHILD-BCX71G Datasheet
31Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
FJN4303R FAIRCHILD-FJN4303R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4202R FAIRCHILD-FJNS4202R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4204R FAIRCHILD-FJNS4204R Datasheet
65Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4210R FAIRCHILD-FJNS4210R Datasheet
32Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4212R FAIRCHILD-FJNS4212R Datasheet
26Kb / 3P
PNP Epitaxial Silicon Transistor
FJV4102R FAIRCHILD-FJV4102R Datasheet
55Kb / 4P
PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com