Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

2N3904 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No. de pieza 2N3904
Descripción Electrónicos  NPN General Purpose Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SECOS [SeCoS Halbleitertechnologie GmbH]
Página de inicio  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2N3904 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2N3904_10 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2N3904_10 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2N3904_10 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
2N3904
0.2A, 60V
NPN General Purpose Transistor
31-Dec-2010 Rev.B
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
C
E
K
F
D
B
G
H
J
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead free
FEATURES
Power Dissipation PCM: 625mW (Ta=25°C)
Collector Current ICM: 200mA
Collector – Base Voltage V(BR)CBO: 60V
CLASSIFICATION OF hFE(1)
Product-Rank
2N3904-O
2N3904-Y
2N3904-G
Range
100~200
200~300
300~400
ABSOLUTE MAXIMUM RATINGS (Ta = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector - Base Voltage
VCBO
60
V
Collector - Emitter Voltage
VCEO
40
V
Emitter - Base Voltage
VEBO
6
V
Collector Current -Continuous
IC
0.2
A
Cpllector Power Dissipation
PC
625
mW
Junction, Storage Temperature
TJ, TSTG
+150, -55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (Ta = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-Base Breakdown Voltage
V(BR)CBO
60
-
-
V
IC=10µA, IE=0
Collector-Emitter Breakdown Voltage
V(BR)CEO
40
-
-
V
IC=1mA, IB=0
Emitter - Base Breakdown Voltage
V(BR)EBO
6
-
-
V
IE=10µA, IC=0
Collector Cut-Off Current
ICBO
-
-
0.1
µA
VCB=60V, IE=0
Collector Cut-Off Current
ICEO
0.1
µA
VCE=40V, IB=0
Emitter Cut-Off Current
IEBO
-
-
0.1
µA
VEB =5V, IC=0
hFE(1)
100
-
400
VCE=1V, IC=10mA
DC Current Gain
hFE(2)
60
-
-
VCE=1V, IC=50mA
Collector-Emitter Saturation Voltage
VCE(sat)
-
-
0.3
V
IC=50mA, IB=5mA
Base-Emitter Saturation Voltage
VBE(sat)
-
-
0.95
V
IC=50mA, IB=5mA
Transition Frequency
fT
300
-
-
MHz
VCE=20V, IC=10mA, f=100MHz
TO-92
Millimeter
REF.
Min.
Max.
A
4.40
4.70
B
4.30
4.70
C
12.70
-
D
3.30
3.81
E
0.36
0.56
F
0.36
0.51
G
1.27 TYP.
H
1.10
-
J
2.42
2.66
K
0.36
0.76
1
1
1
1Emitter
2
2
2
2Base
3
3
3
3Collector
2
Base
1
Emitter
Collector
3


Número de pieza similar - 2N3904_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
2N3904 MCC-2N3904_11 Datasheet
266Kb / 5P
NPN General Purpose Amplifier
logo
Unisonic Technologies
2N3904 UTC-2N3904_12 Datasheet
219Kb / 4P
NPN GENERAL PURPOSE AMPLIFIER
logo
Micro Commercial Compon...
2N3904 MCC-2N3904_13 Datasheet
561Kb / 5P
NPN General Purpose Amplifier
logo
SeCoS Halbleitertechnol...
2N3904 SECOS-2N3904_15 Datasheet
383Kb / 3P
NPN General Purpose Transistor
logo
KEC(Korea Electronics)
2N3904 KEC-2N3904_15 Datasheet
773Kb / 4P
EPITAXIAL PLANAR NPN TRANSISTOR
More results

Descripción similar - 2N3904_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
NPN General Purpose Transistor
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
NPN general purpose transistor
SST6838 ROHM-SST6838_05 Datasheet
80Kb / 4P
NPN general purpose transistor
SSTA28 ROHM-SSTA28_05 Datasheet
79Kb / 3P
NPN general purpose transistor
logo
SeCoS Halbleitertechnol...
D965 SECOS-D965_15 Datasheet
278Kb / 2P
NPN General Purpose Transistor
logo
Leshan Radio Company
LNST3904F3T5G LRC-LNST3904F3T5G_15 Datasheet
202Kb / 4P
NPN General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMST5551 BILIN-MMST5551_14 Datasheet
173Kb / 4P
NPN General Purpose Transistor
Rev.A
2SC4617 BILIN-2SC4617 Datasheet
160Kb / 4P
NPN general purpose Transistor
Rev.A
MMBT5551 BILIN-MMBT5551_13 Datasheet
158Kb / 4P
NPN General Purpose Transistor
logo
Rohm
SSTA06HZG ROHM-SSTA06HZG Datasheet
1Mb / 9P
NPN General Purpose Transistor
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com