Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SMG2329P Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

No. de pieza SMG2329P
Descripción Electrónicos  P-Channel Enhancement MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SECOS [SeCoS Halbleitertechnologie GmbH]
Página de inicio  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMG2329P Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMG2329P Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMG2329P Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMG2329P
-2.5 A, -30 V, RDS(ON) 0.112 
P-Channel Enhancement MOSFET
Elektronische Bauelemente
12-Nov-2010 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
PARAMETER
SYMBO MIN TYP MAX UNIT
TEST CONDITIONS
Static
Gate-Threshold Voltage
VGS(th)
-1
-
-
V
VDS = VGS, ID = -250μA
Gate-Body Leakage
IGSS
-
-
±100
nA
VDS = 0V, VGS= ±20V
Zero Gate Voltage Drain Current
IDSS
-
-
-1
μA
VDS = -24V, VGS= 0V
-
-
-50
VDS = -24V, VGS= 0V, TJ=55°C
On-State Drain Current
A
ID(ON)
10
-
-
A
VDS = -5V, VGS= -10V
Drain-Source On-Resistance
A
RDS(ON)
-
-
112
mΩ
VGS= -10V, ID = -2.5A
-
-
172
VGS= -4.5V, ID = -2.0A
Forward Transconductance
A
gFS
-
5
-
S
VDS= -4.5V,,ID = -2.5A
Diode Forward Voltage
VSD
-
-
-1.2
V
IS= -0.75A, VGS=0V
Dynamic
b
Total Gate Charge
Qg
-
4.5
-
nC
ID= -2.5A
VDS= -30V
VGS= -5V
Gate-Source Charge
Qgs
-
1.4
-
Gate-Drain Charge
Qgd
-
2.4
-
Turn-On Delay Time
Td(on)
-
9
-
nS
ID= -1A, VDD= -30V
VGEN= -10V
RL= 30Ω
Rise Time
Tr
-
12
-
Turn-Off Delay Time
Td(off)
-
25
-
Fall Time
Tf
-
14
-
Notes
a.
Pulse test:PW ≦ 300 us duty cycle ≦ 2%.
b.
Guaranteed by design, not subject to production testing.



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com