| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FTR-K3JB048W-LS Datasheet(PDF) 6 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
FTR-K3JB048W-LS Datasheet(HTML) 6 Page - fujitsu semiconductor |
|
6 / 7 page ![]() 6 FTR-K1 SERIES FTR-K3 SERIES 1. General Information l All signal and power relays produced by Fujitsu Components are compliant with RoHS directive 2002/95EC including amendments. l Cadmium as used in electrical contacts is exempted from the RoHS directives on October 21st, 2005. (Amendment to Directive 2002/95/EC) l All of our signal and power relays are lead-free. Please refer to Lead-Free Status Info for older date codes at: http://www.fujitsu.com/us/downloads/MICRO/fcai/relays/lead-free-letter.pdf l Lead free solder plating on relay terminals is Sn-3.0Ag-0.5Cu, unless otherwise specified. This material has been verified to be compatible with PbSn assembly process. 2. Recommended Lead Free Solder Profile l Recommended solder Sn-3.0Ag-0.5Cu. RoHS Compliance and Lead Free Information 3. Moisture Sensitivity l Moisture Sensitivity Level standard is not applicable to through hole mounted electromechanical relays, unless otherwise indicated. 4. Tin Whiskers l Dipped SnAgCu solder is known as presenting a low risk to tin whisker development. No considerable length whisker was found by our in house test. We highly recommend that you confirm your actual solder conditions Flow Solder condition: Pre-heating: maximum120˚C Soldering: dip within 5 sec. at 260˚Csolderbath Solder by Soldering Iron: Soldering Iron Temperature: maximum360˚C Duration: maximum 3 sec. |