Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ACS8510 Datasheet(PDF) 1 Page - Semtech Corporation

No. de pieza ACS8510
Descripción Electrónicos  Synchronous Equipment Timing Source for SONET or SDH Network Elements
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH [Semtech Corporation]
Página de inicio  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8510 Datasheet(HTML) 1 Page - Semtech Corporation

  ACS8510 Datasheet HTML 1Page - Semtech Corporation ACS8510 Datasheet HTML 2Page - Semtech Corporation ACS8510 Datasheet HTML 3Page - Semtech Corporation ACS8510 Datasheet HTML 4Page - Semtech Corporation ACS8510 Datasheet HTML 5Page - Semtech Corporation ACS8510 Datasheet HTML 6Page - Semtech Corporation ACS8510 Datasheet HTML 7Page - Semtech Corporation ACS8510 Datasheet HTML 8Page - Semtech Corporation ACS8510 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
Synchronous Equipment Timing Source
for SONET or SDH Network Elements
ACS8510 SETS
Description
Features
Block Diagram
The ACS8510 is a highly integrated, single-chip
solution for the Synchronous Equipment Timing
Source (SETS) function in a SONET or SDH Net-
work Element. The device generates SONET or
SDH Equipment Clocks (SEC) and frame synchro-
nization clocks. The ACS8510 is fully compliant
with the required specifications and standards.
The device supports Free-Run, Locked and
Holdover modes. It also supports all three types
of reference clock source: recovered line clock,
PDH network, and node synchronization. The
ACS8510 generates independent SEC and BITS
clocks, an 8 kHz Frame Synchronization clock
and a 2 kHz Multi-Frame Synchronization clock.
Two ACS8510 devices can be used together in a
Master/Slave configuration mode allowing sys-
tem protection against a single ACS8510 failure.
A microprocessor port is incorporated, providing
access to the configuration and status registers
for device setup and monitoring. The ACS8510
supports IEEE 1149.1 JTAG boundary scan.
ADVANCED COMMUNCIATIONS
FINAL
Revision 2.07/Jan 2001 ã2001 Semtech Corp
www.semtech.com
•Suitable for Stratum 3E*, 3, 4E and 4 SONET
or SDH Equipment Clock (SEC) applications
•Meets AT&T, ITU-T, ETSI and Telcordia specifi-
cations
•Accepts 14 individual input reference clocks
•Generates 11 output clocks
•Supports Free-Run, Locked and Holdover
modes of operation
•Robust input clock source quality monitoring on
all inputs
•Automatic “hit-less” source switchover on loss
of input
•Phase build-out for output clock phase conti-
nuity during input switchover and mode transi-
tions
•Microprocessor interface - Intel, Motorola,
Serial, Multiplexed, EEPROM
•Programmable wander and jitter tracking/
attenuation 0.1 Hz to 20 Hz
•Support for Master/Slave device configuration
alignment and hot/standby redundancy
•IEEE 1149.1 JTAG Boundary Scan
•Single 3.3 v operation. 5 v I/O compatible
•Operating temperature (ambient) -40°C to
+85°C
•Available in 100 pin LQFP package
* Meets Holdover requirements, lowest bandwidth 0.1 Hz.
DPLL/Freq. S ynthesis
T
OUT0
selector
T
OUT4
selector
Chip C lock
Generator
Div ider
PFD
DPLL/F req. Synthesis
Div ider
Monitors
Dig ital
Loop
Filter
APLL
Frequency
Dividers
M icropro cessor
Port
14 Inp ut
Reference
Source
includin g:
AM I 64/8 kHz
2 kHz
8 kHz
N x 8 kHz
1.544 MHz
2.048 MHz
6.48 MHz
19.44 MHz
25.92 MHz
38.88 MHz
51.84 MHz
77.76 MHz
155.52 M Hz
DTO
Dig ital
Loop
Filter
PFD
11 Outp ut Ports
includin g:
1.544/2.048 M Hz
3.088/4.096 M Hz
6.176/8.182 M Hz
12.352/16.384 M Hz
6.48 MHz
19.44 MHz
25.92 MHz
38.88 MHz
51.84 MHz
77.76 MHz
155.52 MHz
311.04 MHz
AM I 64/8 kHz
2 kHz MFrSy nc
8 kHz FrSy nc
Input
Ports
6xT
IN1
4xT
IN2
4xT
IN3
Output
Ports
2xT
OUT 4
7xT
OUT 0
MFrSync
FrSync
TCXO (*OCXO)
CLK
IEEE
1149.1
JTAG
TCK
TDI
TMS
TRST
TDO
Priority
Table
Register
Set
Priority
Table
Register
Set
DTO
MFrSync


Número de pieza similar - ACS8510

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
ACS8510 SEMTECH-ACS8510 Datasheet
788Kb / 76P
Synchronous Equipment Timing Source for SONET or SDH Network Elements
logo
IQD Frequency Products ...
ACS8510 IQD-ACS8510 Datasheet
208Kb / 4P
TCXO Specification
logo
Semtech Corporation
ACS8510REV2.1 SEMTECH-ACS8510REV2.1 Datasheet
788Kb / 76P
Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8510 SEMTECH-ACS8510_03 Datasheet
788Kb / 76P
Synchronous Equipment Timing Source for SONET or SDH Network Elements
More results

Descripción similar - ACS8510

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Semtech Corporation
ACS8515LC SEMTECH-ACS8515LC Datasheet
597Kb / 47P
Line Card Protection Switch for SONET or SDH Network Elements
ACS8509 SEMTECH-ACS8509 Datasheet
708Kb / 68P
Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8510 SEMTECH-ACS8510_03 Datasheet
788Kb / 76P
Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8515 SEMTECH-ACS8515 Datasheet
454Kb / 50P
Line Card Protection Switch for SONET or SDH Network Elements
logo
Integrated Device Techn...
82P33714 IDT-82P33714 Datasheet
241Kb / 13P
Synchronous Equipment Timing Source for Synchronous Ethernet
82P33731 IDT-82P33731 Datasheet
343Kb / 12P
Synchronous Equipment Timing Source for 10G/ 40G Synchronous Ethernet
82P33714 IDT-82P33714_17 Datasheet
878Kb / 64P
Synchronous Equipment Timing Source for Synchronous Ethernet
82P33714 IDT-82P33714_18 Datasheet
1Mb / 63P
Synchronous Equipment Timing Source
82P33731 IDT-82P33731_17 Datasheet
848Kb / 65P
Synchronous Equipment Timing Source
logo
Renesas Technology Corp
82P33714 RENESAS-82P33714 Datasheet
1Mb / 63P
Synchronous Equipment Timing Source for Synchronous Ethernet
August 21, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com