| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SC1102CSTR Datasheet(PDF) 8 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC1102CSTR Datasheet(HTML) 8 Page - Semtech Corporation |
|
8 / 10 page ![]() SC1102 SYNCHRONOUS DC/DC CONTROLLER FOR DISTRIBUTED POWER SUPPLY APPLICATIONS © 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320 September 5, 2000 8 THEORY OF OPERATION (CON’T) An over-current condition occurs when the high-side drive is turned on, but the PHASE node does not reach the voltage level set at the OCSET pin. The PHASE node is sampled only once per cycle during the valley of the triangular oscillator. Once an over-current occurs, the high-side drive is turned off and the low- side drive turns on and the SS/SHDN pin begins to sink 2uA. The soft-start voltage will begin to decrease as the 2uA of current discharges the external capaci- tor. When the soft-start voltage reaches 0.8V, the SS/ SHDN pin will begin to source 10uA and begin to charge the external capacitor causing the soft-start voltage to rise again. Again, when the soft-start volt- age reaches the level of the internal oscillator, switch- ing will occur. If the over-current condition is no longer present, nor- mal operation will continue. If the over-current condi- tion is still present, the SS/SHDN pin will again begin to sink 2uA. This cycle will continue indefinitely until the over-current condition is removed. In conclusion, below is shown a typical “12V Applica- tion Circuit” which has a BSTH voltage derived by boot- strapping input voltage to the PHASE node through diode D1. This circuit is very useful in cases where only input power of 12V is available. In order to prevent substrate glitching, a small-signal diode should be placed in close proximity to the chip with cathode connected to PHASE and anode con- nected to PGND. APPLICATION CIRCUIT Typical 12V Application Circuit with Bootstrapped BSTH VCC 1 PWRGD 2 OVP 3 OCSET 4 PHASE 5 DRVH 6 PGND 7 DRVL 8 BSTL 9 BSTH 10 SENSE 11 VREF 12 SS/SHDN 13 GND 14 U1 SC1102 Q1 STP40NE Q2 STP40NE R5 3.9 D3 MBRD1035 R4 10 L1 4uH D2 MBRA130 C9 1.0 C10 180/4V C11 180/4V C12 180/4V C13 180/4V C7 270/16V C6 270/16V R1 1k R3 1k C2 0.1 C3 0.1 C1 0.1 R2 1.74k PWRGD OVP SHDN VREF + _ + _ Vin 12V Vout=3.3V* R8 127 R9 205* NOTE: *) Vout = 1.265 x (1+R9/R8) +5V D1 MBR0520 R6 2.2 C4 1.0 C5 10.0 Optional C14 180/4V C8 270/16V |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |