Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MAX9918ASA/V+ Datasheet(PDF) 3 Page - Maxim Integrated Products

No. de pieza MAX9918ASA/V+
Descripción Electrónicos  -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9918ASA/V+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9918ASA/V+ Datasheet HTML 1Page - Maxim Integrated Products MAX9918ASA/V+ Datasheet HTML 2Page - Maxim Integrated Products MAX9918ASA/V+ Datasheet HTML 3Page - Maxim Integrated Products MAX9918ASA/V+ Datasheet HTML 4Page - Maxim Integrated Products MAX9918ASA/V+ Datasheet HTML 5Page - Maxim Integrated Products MAX9918ASA/V+ Datasheet HTML 6Page - Maxim Integrated Products MAX9918ASA/V+ Datasheet HTML 7Page - Maxim Integrated Products MAX9918ASA/V+ Datasheet HTML 8Page - Maxim Integrated Products MAX9918ASA/V+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
-20V to +75V Input Range, Precision
Uni-/Bidirectional, Current-Sense Amplifiers
_______________________________________________________________________________________
3
PARAMETERS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VRS+ = VRS- = +14V
±1.2
MAX9918
VRS+ = VRS- = -2V
±3.3
VRS+ = VRS- = +14V
±1.8
MAX9919_
VRS+ = VRS- = -2V
±1.8
VRS+ = VRS- = +14V
±2.4
Input Offset Voltage Drift
(Note 3)
VOSD
MAX9920
VRS+ = VRS- = -2V
±8.8
μV/°C
Common-Mode Range
VCM
Inferred from CMRR tests
-20
+75
V
-2V
≤ VCM ≤ +14V
80
MAX9918, MAX9919
-20V
≤ VCM ≤ +75V
96
-2V
≤ VCM ≤ +14V
72
Common-Mode Rejection Ratio
(Note 3)
CMRR
MAX9920
-20V
≤ VCM ≤ +75V
86
dB
TA = +25°C
±175
Input Bias Current
IRS+, IRS-
-20V
≤ VCM ≤ +75V
TA = -40°C to +125°C
±250
μA
Input Offset Current
(IRS+ - IRS-)
0
±8
μA
Input Leakage Current in
Shutdown
-20V
≤ VCM ≤ +75V, VSHDN = VCC = 5V
±30
μA
Input Leakage Current
VRS+ = VRS- = +14V, +75V, VCC = 0V
±30
μA
Common mode
300
k
Ω
MAX9918,
MAX9919_
Differential
715
Ω
Common mode
330
k
Ω
Input Resistance
MAX9920
Differential
224
Ω
MAX9918, MAX9919_
50
Full-Scale Sense Voltage (Note 4)
VSENSE
Inferred from gain
error test
MAX9920
200
mV
MAX9918, MAX9920
Adj
MAX9919F
45
Gain (Notes 2, 4)
G
MAX9919N
90
V/V
MAX9918
30
Minimum Adjustable Gain
GADJ
MAX9920
7.5
V/V
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 5V, VRS+ = VRS- = +14V, VSENSE = (VRS+ - VRS-) = 0V, VSHDN = VGND = 0V, VREFIN = VCC/2, RL = 100k
Ω; for MAX9918, AV =
90V/V, R2/R1 = 89k
Ω/1kΩ; for MAX9920, AV = 20V/V, R2/R1 = 79kΩ/1kΩ; TA = -40°C to +125°C, unless otherwise noted. Typical val-
ues are at TA = +25°C.) (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com