Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

E48SP Datasheet(PDF) 1 Page - Delta Electronics, Inc.

No. de pieza E48SP
Descripción Electrónicos  48V in, 12V/20A out
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DELTA [Delta Electronics, Inc.]
Página de inicio  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SP Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  E48SP Datasheet HTML 1Page - Delta Electronics, Inc. E48SP Datasheet HTML 2Page - Delta Electronics, Inc. E48SP Datasheet HTML 3Page - Delta Electronics, Inc. E48SP Datasheet HTML 4Page - Delta Electronics, Inc. E48SP Datasheet HTML 5Page - Delta Electronics, Inc. E48SP Datasheet HTML 6Page - Delta Electronics, Inc. E48SP Datasheet HTML 7Page - Delta Electronics, Inc. E48SP Datasheet HTML 8Page - Delta Electronics, Inc. E48SP Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
`
DATASHEET
DS_E48SP12020_08022010
FEATURES
High efficiency: 94.5% @12V/20A
Size:
58.4mm x 22.8mm x 10.9mm
(2.30”x0.90”x0.43”) W/O Heat spreader
58.4mm x 22.8mm x 12.7mm
(2.30”x0.90”x0.5”) With Heat spreader
Industry standard pin out
Fixed frequency operation
Input UVLO, Output OCP & OVP, OTP
Monotonic startup into normal and
Pre-biased loads
2250V Isolation and basic insulation
No minimum load required
No negative current during power on or
power off;
ISO 9001, TL 9000, ISO 14001, QS 9000,
OHSAS 18001 certified manufacturing
facility
UL/cUL 60950-1 (US & Canada) recognized.
APPLICATIONS
Telecom/DataCom
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial/Test Equipment
OPTIONS
Positive On/Off logic
Short pin lengths available
Delphi Series E48SP Eighth Brick Family
DC/DC Power Modules: 48V in, 12V/20A out
The Delphi Series E48SP, 36~75V input, Eighth Brick, single output,
isolated DC/DC converters are the latest offering from a world leader in
power systems technology and manufacturing ― Delta Electronics,
Inc. The E48SP product provides up to 240 watts of power in an
industry standard footprint and pinout. The E48SP converter
operates from an input voltage of 36V to 75V. Efficiency is 94.5% for
the 12V output at full load. With creative design technology and
optimization of component placement, these converters possess
outstanding electrical and thermal performance, as well as extremely
high reliability under highly stressful operating conditions. All models
are fully protected from abnormal input/output voltage, current, and
temperature conditions. The Delphi Series converters meet all safety
requirements with basic insulation.


Número de pieza similar - E48SP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Delta Electronics, Inc.
E48SP12020 DELTA-E48SP12020 Datasheet
475Kb / 15P
Fixed frequency operation
E48SP12020NMFA DELTA-E48SP12020NMFA Datasheet
475Kb / 15P
Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
E48SP12020NMFB DELTA-E48SP12020NMFB Datasheet
472Kb / 15P
Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
E48SP12020NMFH DELTA-E48SP12020NMFH Datasheet
475Kb / 15P
Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
E48SP12020NNFA DELTA-E48SP12020NNFA Datasheet
475Kb / 15P
Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
More results

Descripción similar - E48SP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bel Fuse Inc.
07CM-20S BEL-07CM-20S Datasheet
71Kb / 2P
Bus Converter 48V Input / 12V Output / 20A
logo
Delta Electronics, Inc.
E48SR12006 DELTA-E48SR12006 Datasheet
795Kb / 13P
Delphi Series E48SR12006, 72W Eighth Brick DC/DC Power Modules: 48V in, 12V/6A out
E48SP3R340 DELTA-E48SP3R340 Datasheet
462Kb / 13P
48V in, 3.3V, 40A out
E48SP3R360 DELTA-E48SP3R360 Datasheet
525Kb / 15P
48V in, 3.3V, 60A out
E48SC12005NRFA DELTA-E48SC12005NRFA Datasheet
717Kb / 15P
Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/5A out
E48SP12020NRFA DELTA-E48SP12020NRFA Datasheet
475Kb / 15P
Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
E48SP12020NRFB DELTA-E48SP12020NRFB Datasheet
472Kb / 15P
Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
S48SP12003NRFB DELTA-S48SP12003NRFB Datasheet
448Kb / 14P
Delphi Series S48SP, 36W 1x1 Brick DC/DC Power Modules: 48V in, 12V/3A out
Q48SH12025 DELTA-Q48SH12025 Datasheet
392Kb / 13P
300W Quarter Brick Family DC/DC Power Modules: 48V in, 12V/25A out
Q48SH12033 DELTA-Q48SH12033 Datasheet
442Kb / 13P
400W Quarter Brick Family DC/DC Power Modules: 48V in, 12V/33A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com