Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BC858ARF Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No. de pieza BC858ARF
Descripción Electrónicos  250mW, PNP Small Signal Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC858ARF Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BC858ARF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC858ARF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BC858ARF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BC858ARF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC856A/B, BC857A/B/C, BC858A/B/C
250mW, PNP Small Signal Transistor
Small Signal Transistor
Electrical Characteristics
Units
Collector-Base Breakdown Voltage
BC856
BC857
BC858
IC= -10μAIE= 0
V
Collector-Emitter Breakdown Voltage
BC856
BC857
BC858
IC= -10mA IB= 0
V
IE= -1μAIC= 0
V
VCB= -30V IE= 0
nA
VEB= -5V
IC=0
μA
VCE= -5V
IC= -2mA
IC= -100mA IB= -5mA
V
IC= -100mA IB= -5mA
V
VCE= -5V
IC= -10mA f= 100MHz
MHz
Tape & Reel specification
Carrier width
Carrier length
Carrier depth
Sprocket hole
Reel outside diameter
Reel inner diameter
Feed hole width
Sprocke hole position
Punch hole position
Sprocke hole pitch
Embossment center
Overall tape thickness
Tape width
Reel width
BC856A, BC857A, BC858A
DC current gain
BC856B, BC857B, BC858B
BC857C, BC858C
2.00 ±0.05
Emitter-Base Breakdown Voltage
0.229 ±0.013
Collector Cut-off Current
IEBO
-
125
220
420
hFE
Emitter Cut-off Current
13.0 ± 0.20
1.75 ±0.10
3.50 ±0.05
-
-
ICBO
V(BR)CEO
V(BR)EBO
12.30 ±0.20
8.10 ±0.20
W
4.00 ±0.10
E
F
-
-
Transition frequency
W1
P0
P1
100
fT
-
T
D1
D2
-
-5
-0.1
250
475
800
-
-15
Min
Max
Type Number
-80
-50
-30
Symbol
V(BR)CBO
-65
-45
-30
55 Min
Item
Symbol
Dimension(mm)
A
B
3.15 ±0.10
1.50 ± 0.10
-0.65
-1.1
178 ± 1
d
D
C
2.77 ±0.10
1.22 ±0.10
Collector-Emitter saturation voltage
VCE(sat)
Base-Emitter saturation voltage
VBE(sat)
W1
D1
D2
D
T
C
d
P1
P0
A
B
F
W
E
Direction of Feed
Top Cover Tape
Carieer Tape
Any Additional Label (If Required)
TSC label



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com