Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BZX85C47 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No. de pieza BZX85C47
Descripción Electrónicos  1.3W,5% Tolerance Zener Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX85C47 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BZX85C47 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX85C47 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX85C47 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BZX85C3V3-BZX85C56
1.3W,5% Tolerance Zener Diode
Small Signal Diode
Rating and Characteristic Curves
Version : D11
Ta = 25℃
0.1
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
VF - Forw ard Voltage [V]
Ta = 25℃
0.1
1
10
100
1000
0
3
6
9
12
15
VZ - Reverse Voltage [V]
Ta = 25℃
0.01
0.1
1
10
100
10
20
30
40
50
60
70
VZ - Reverse Voltage [V]
Ta = 25℃
0.1
1
10
100
1000
0
10
20
30
40
50
60
VZ - Reverse Voltage [V]
Iz=10mA
Iz=5mA
Iz=2mA
Iz=1mA
f = 1MHz
Ta = 25℃
1
10
100
1000
0
5
10 15 20 25
30 35 40 45
50 55 60
VZ - Reverse Voltage [V]
VR = 0V
VR = 2V
VR = 5V
VR = 20V
VR = 30V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
20
40
60
80
100
120
140
160
180
200
Temperature [℃]
Figure 1. Power Dissipation vs Ambient Temperature
Valid provided leads at a distance of 0.8mm from case are kept at
ambient temperature
Figure 2. Total Capacitance
Figure 5. Reverse Current vs. Reverse Voltage
Figure 6. Reverse Current vs. Reverse Voltage
Figure 3. Differential Impedance vs. Zener Voltage
Figure 4. Forward Current vs. Forward Voltage



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com