Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BFX41 Datasheet(PDF) 2 Page - Seme LAB

No. de pieza BFX41
Descripción Electrónicos  PNP SILICON EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEME-LAB [Seme LAB]
Página de inicio  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BFX41 Datasheet(HTML) 2 Page - Seme LAB

  BFX41 Datasheet HTML 1Page - Seme LAB BFX41 Datasheet HTML 2Page - Seme LAB BFX41 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
BFX38
VCB = - 40V
IE = 0
BFX39
Tamb = 125°C
BFX40
VCB = - 50V
IE = 0
BFX41
Tamb = 125°C
BFX38
BFX39
BFX40
BFX41
BFX38
BFX39
BFX40
BFX41
ALL
IE = -10µAIC = 0
ALL
ALL
BFX38 BFX40
IC = - 100µAVCE = - 5V
IC = - 100mA VCE = - 5V
IC = - 500mA VCE = - 5V
BFX39 BFX41
IC = - 100µAVCE = - 5V
IC = - 100mA VCE = - 5V
IC = - 500mA VCE = - 5V
IC = - 1A
VCE = - 5V
BFX38
BFX39
BFX40
BFX41
IC = - 100mA VCE = - 5V
Tamb = - 55°C
BFX38 BFX40
BFX39 BFX41
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS (Tj = 25°C unless otherwise stated)
BFX38
BFX39
BFX40
BFX41
Document Number 3084
Issue 1
Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Collector Cutoff Current
Collector-Base Breakdown Voltage
Collector Emitter Sustaining
Voltage
Emitter - Base
Breakdown Voltage
Collector- Emitter Saturation
Voltage
Base - Emitter Saturation
Voltage
DC Current Gain
- 0.2
- 50
-0.25
-50
- 0.2
- 50
-0.25
-50
-55
- 75
-55
-75
-5
- 0.12
- 0.15
- 0.3
- 0.5
- 0.8
- 0.9
-0.9
-1.1
60
90
85
130
60
120
30
45
40
70
25
65
30
15
25
10
30
15
nA
µA
nA
µA
V
V
V
V
V
—
ICBO
V(BR)CBO
VCEO(SUS)*
V(BR)EBO
VCE(SAT)*
VBE(SAT)*
hFE*
IC = -150mA IB = -15mA
IC = - 500mA IB = - 50mA
IC = -150mA IB = -15mA
IC = - 500mA IB = - 50mA
IC = -10µAIE = 0
IC = -10µAIE = 0
IC = -10mA
IB = 0
IC = -10mA
IB = 0



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com