Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LR38266 Datasheet(PDF) 5 Page - Sharp Corporation

No. de pieza LR38266
Descripción Electrónicos  Digital Signal Processor for Color CCD Cameras
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SHARP [Sharp Corporation]
Página de inicio  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38266 Datasheet(HTML) 5 Page - Sharp Corporation

  LR38266 Datasheet HTML 1Page - Sharp Corporation LR38266 Datasheet HTML 2Page - Sharp Corporation LR38266 Datasheet HTML 3Page - Sharp Corporation LR38266 Datasheet HTML 4Page - Sharp Corporation LR38266 Datasheet HTML 5Page - Sharp Corporation LR38266 Datasheet HTML 6Page - Sharp Corporation LR38266 Datasheet HTML 7Page - Sharp Corporation LR38266 Datasheet HTML 8Page - Sharp Corporation LR38266 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LR38266
PIN NO. SYMBOL
POLARITY
I/O
DESCRIPTION
8-bit digital color signal output.
CO0 is LSB.
CO7 is MSB.
TO
CO0
39
A grounding pin.
GND
38
A grounding pin.
GND
43
Clock output for digital COUT.
O
DCK2
37
Test input. Connected to low or open.
ICD
TST4
36
Test input. Connected to low or open.
ICD
TST3
35
Test input. Connected to low or open.
ICD
TST2
34
Test input. Connected to low or open.
ICD
TST1
33
40
41
42
CO1
CO2
CO3
TO
TO
TO
52
CENCO
DAO
Analog C signal output.
51
YENCO
DAO
Analog Y signal output.
50
TST6
ICD
Test input. Connected to low or open.
49
TST5
ICD
Test input. Connected to low or open.
48
CO7
TO
47
CO6
TO
46
CO5
TO
45
CO4
TO
8-bit digital color signal output.
CO0 is LSB.
CO7 is MSB.
44
VDD
Supply of +3.3 V power.
Bias voltage output of built-in DA converter, connected to GND through a
capacitor.
DAO
VB2
54
Bias voltage output of built-in DA converter, connected to GND through a
capacitor.
DAO
VB1
53
57
DA VDD
Supply of +3.3 V power input for built-in DA converter.
56
IREF2
DAO
Bias current output of built-in DA converter, connected to GND through a
resistor.
55
IREF1
DAO
Bias current output of built-in DA converter, connected to GND through a
resistor.
Bias voltage input of built-in DA converter, connected to +1.0 V power supply.
DAI
VREF
59
A grounding pin for built-in DA converter.
DA GND
58
Supply of +3.3 V power.
VDD
64
Y digital outputs.
YO0 is LSB.
YO7 is MSB.
TO
YO0
60
61
62
63
YO1
YO2
YO3
TO
TO
TO
67
YO5
TO
66
YO4
TO
Y digital outputs.
YO0 is LSB.
YO7 is MSB.
65
GND
A grounding pin.
68
YO6
TO
TO
YO7
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com