| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PC-827 Datasheet(PDF) 3 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
PC-827 Datasheet(HTML) 3 Page - Sharp Corporation |
|
3 / 4 page ![]() Duty ratio 5 5 Pulse width <=100 µ s 10 20 100 50 200 500 2 10 -3 10 -2 5 2 10 -1 5 2 5 Fig. 3 Peak Forward Current vs. Duty Ratio 0 1 200 2 5 10 20 50 160 120 80 40 20 60 100 140 180 100 0 50 150 0 255075 100 Fig. 7 Relative Current Transfer Ratio vs. Ambient Temperature 0 0 5 1 10 15 20 25 30 23 4 5 67 8 9 20mA 10mA 5mA Fig. 6 Collector Current vs. Collector-emitter Voltage Fig. 4 Current Transfer Ratio vs. Forward Current Forward current I F ( mA ) Collector-emitter voltage V CE (V) Ambient temperature T a (˚C) 0 0 125 100 200 50 150 25 50 75 100 Ambient Temperature -30 Fig. 2 Collector Power Dissipation vs. PC817 Series a (˚C) Ambient temperature T 1 VCE =5V IF = 30mA PC(MAX.) IF = 5mA VCE =5V Fig. 5 Forward Current vs. Forward Voltage 10 000 5 000 2 000 1 000 Ta = 25˚C Ta = 25˚C 50˚C 25˚C 0˚C 0 2 0.5 1.0 1.5 2.0 2.5 3.0 3.5 5 10 20 50 100 200 500 1 - 25˚C Ta = 75˚C Forward voltage V F ( V) -30 Ta= 25˚C |