Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MS6821GU Datasheet(PDF) 3 Page - MOSA ELECTRONICS

No. de pieza MS6821GU
Descripción Electrónicos  4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOSA [MOSA ELECTRONICS]
Página de inicio  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6821GU Datasheet(HTML) 3 Page - MOSA ELECTRONICS

  MS6821GU Datasheet HTML 1Page - MOSA ELECTRONICS MS6821GU Datasheet HTML 2Page - MOSA ELECTRONICS MS6821GU Datasheet HTML 3Page - MOSA ELECTRONICS MS6821GU Datasheet HTML 4Page - MOSA ELECTRONICS MS6821GU Datasheet HTML 5Page - MOSA ELECTRONICS MS6821GU Datasheet HTML 6Page - MOSA ELECTRONICS MS6821GU Datasheet HTML 7Page - MOSA ELECTRONICS MS6821GU Datasheet HTML 8Page - MOSA ELECTRONICS MS6821GU Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
MOSA
MS6821
4 Stereo inputs / 2W PA output integrated Audio DAC and Volume Control
REV 3
3/29
www.mosanalog.com
ORDERING INFORMATION
Package
Part number
Packaging Marking
Transport Media
28Pin SOP (lead free)
MS6821GTR
MS6821G
1k Units Tape and Reel
28Pin SOP (lead free)
MS6821GU
MS6821G
25 Units Tube
28Pin TSSOP (lead free)
MS6821TGTR
MS6821G
2.5k Units Tape and Reel
28Pin TSSOP (lead free)
MS6821TGU
MS6821G
50 Units Tube
RoHS Compliance
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VDD
Supply voltage
6.5
V
VESD
Electrostatic handling
2000
V
TSTG
Storage temperature range
-65 to 150
TA
Operating ambient temperature range
-40 to 85
TJ
Maximum junction temperature
150
TS
Soldering temperature, 10 seconds
260
RTHJA
Thermal resistance from junction to ambient in free air
SOP28
TSSOP28 (enhance thermal pad)
210
51
/W
OPERATING RATINGS
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply voltage
2.4
5
6.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com