Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FE3F Datasheet(PDF) 1 Page - Diotec Semiconductor

No. de pieza FE3F
Descripción Electrónicos  Superfast Switching Silicon Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIOTEC [Diotec Semiconductor]
Página de inicio  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

FE3F Datasheet(HTML) 1 Page - Diotec Semiconductor

  FE3F Datasheet HTML 1Page - Diotec Semiconductor FE3F Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FE3A ... FE3G
FE3A ... FE3G
Superfast Switching Silicon Rectifier Diodes
Superschnelle Silizium-Gleichrichterdioden
Version 2010-03-30
Dimensions - Maße [mm]
Nominal current
Nennstrom
3 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
50...400 V
Plastic case
Kunststoffgehäuse
~ DO-201
Weight approx.
Gewicht ca.
1 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped in ammo pack
Standard Lieferform gegurtet in Ammo-Pack
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
Forward voltage
Durchlass-Spannung
VF at/bei IF = 3 A
FE3A
50
50
< 0.95
FE3B
100
100
< 0.95
FE3D
200
200
< 0.95
FE3F
300
300
< 0.95
FE3G
400
400
< 1.25
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TA = 75°C
IFAV
3 A
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
30 A 1)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
125/135 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
78 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+175°C
-50...+175°C
1
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlussdrähte in 10 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
© Diotec Semiconductor AG
http://www.diotec.com/
1
Ø 1.2±0.05
Ø 4.5+0.1
-0.3


Número de pieza similar - FE3F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diotec Semiconductor
FE3F DIOTEC-FE3F Datasheet
153Kb / 2P
Super Fast Silicon Rectifiers
FE3F DIOTEC-FE3F Datasheet
35Kb / 2P
Super Fast Silicon Rectifiers
FE3F DIOTEC-FE3F Datasheet
58Kb / 2P
Superfast Switching Silicon-Rectifiers
More results

Descripción similar - FE3F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diotec Semiconductor
ER2A DIOTEC-ER2A_10 Datasheet
103Kb / 2P
Superfast Switching Surface Mount Silicon Rectifier Diodes
ES2A DIOTEC-ES2A Datasheet
119Kb / 2P
Superfast Switching Surface Mount Silicon Rectifier Diodes
ER1A DIOTEC-ER1A_13 Datasheet
100Kb / 2P
Superfast Switching Surface Mount Silicon Rectifier Diodes
ER3A DIOTEC-ER3A_13 Datasheet
100Kb / 2P
Superfast Switching Surface Mount Silicon Rectifier Diodes
FE1A DIOTEC-FE1A_13 Datasheet
92Kb / 2P
Superfast Switching Silicon-Rectifier Diodes
FE1A DIOTEC-FE1A_14 Datasheet
92Kb / 2P
Superfast Switching Silicon-Rectifier Diodes
FE2A DIOTEC-FE2A_13 Datasheet
92Kb / 2P
Superfast Switching Silicon Rectifier Diodes
FE3A DIOTEC-FE3A_13 Datasheet
94Kb / 2P
Superfast Switching Silicon Rectifier Diodes
FE6A DIOTEC-FE6A_12 Datasheet
93Kb / 2P
Superfast Switching Silicon Rectifier Diodes
logo
DIOTEC Electronics Corp...
ER1A DEC-ER1A_11 Datasheet
103Kb / 2P
Superfast Switching Surface Mount Silicon Rectifier Diodes
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com