Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LL4448 Datasheet(PDF) 1 Page - Diotec Semiconductor

No. de pieza LL4448
Descripción Electrónicos  Ultrafast Switching Surface Mount Si-Planar Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIOTEC [Diotec Semiconductor]
Página de inicio  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

LL4448 Datasheet(HTML) 1 Page - Diotec Semiconductor

  LL4448 Datasheet HTML 1Page - Diotec Semiconductor LL4448 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LL4148, LL4150, LL4151, LL4448
LL4148, LL4150, LL4151, LL4448
Ultrafast Switching Surface Mount Si-Planar Diodes
Ultraschnelle Si-Planar-Dioden für die Oberflächenmontage
Version 2011-09-23
Dimensions - Maße [mm]
Nominal current
Nennstrom
150...300 mA
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
50...100 V
Glass case MiniMELF
Glasgehäuse MiniMELF
SOD-80C
Weight approx.
Gewicht ca.
0.04 g
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings (TA = 25°C)
Grenzwerte (TA = 25°C)
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V] 1)
LL4148
75
100
LL4150
50
50
LL4151
50
75
LL4448
75
100
Type
Typ
LL4148
LL4448
LL4150
LL4151
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
IFAV
150 mA 2)
300 mA 2)
200 mA 2)
Repetitive peak forward current
Periodischer Spitzenstrom
IFRM
500 mA 2)
600 mA 2)
500 mA 2)
Non-repetitive peak forward current
Stoßstrom-Grenzwert
tp = 1 µs
Tj = 25°C
IFSM
2000 mA
4000 mA
2000 mA
Max. power dissipation
Max. Verlustleistung
Ptot
500 mW 2)
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+200°C
-50...+200°C
1
Tested with pulses IR = 100 µA, tp = 300 µs, duty cycle ≤ 2%
Gemessen mit Impulsen IR = 100 µA, tp = 300 µs, Schaltverhältnis ≤ 2%
2
Mounted on P.C. board with 25 mm2 copper pads at each terminals
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluss
© Diotec Semiconductor AG
http://www.diotec.com/
1


Número de pieza similar - LL4448

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
LL4448 VISHAY-LL4448 Datasheet
292Kb / 5P
Small Signal Fast Switching Diodes
24-Mar-06
logo
Zowie Technology Corpor...
LL4448 ZOWIE-LL4448 Datasheet
43Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
Semtech Corporation
LL4448 SEMTECH-LL4448 Datasheet
261Kb / 4P
Silicon Expitaxial Planar Diode?
logo
Shanghai Lunsure Electr...
LL4448 CHENYI-LL4448 Datasheet
170Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Diodes Incorporated
LL4448 DIODES-LL4448 Datasheet
57Kb / 2P
FAST SWITCHING SURFACE MOUNT DIODE
DS12013 Rev. F-2
More results

Descripción similar - LL4448

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diotec Semiconductor
LL4148 DIOTEC-LL4148_07 Datasheet
103Kb / 2P
Ultrafast Switching Surface Mount Si-Planar Diodes
SUF4001 DIOTEC-SUF4001_07 Datasheet
71Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
US3A DIOTEC-US3A_07 Datasheet
69Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
US2A DIOTEC-US2A_07 Datasheet
69Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
US1A DIOTEC-US1A_07 Datasheet
68Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
1N4148 DIOTEC-1N4148_11 Datasheet
92Kb / 2P
Ultrafast Switching Si-Planar Diodes
BAS19 DIOTEC-BAS19_11 Datasheet
118Kb / 2P
Fast Switching Surface Mount Si-Planar Diodes
LL4148 DIOTEC-LL4148_13 Datasheet
97Kb / 2P
Ultrafast Switching Surface Mount Si-Planar Diodes
LL4148 DIOTEC-LL4148_13 Datasheet
97Kb / 2P
Ultrafast Switching Surface Mount Si-Planar Diodes
BAS19 DIOTEC-BAS19_15 Datasheet
120Kb / 2P
Fast Switching Surface Mount Si-Planar Diodes
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com