| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LIS3DHTR Datasheet(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LIS3DHTR Datasheet(HTML) 27 Page - STMicroelectronics |
|
27 / 42 page ![]() LIS3DH Register mapping Doc ID 17530 Rev 1 27/42 Registers marked as Reserved must not be changed. The writing to those registers may cause permanent damages to the device. The content of the registers that are loaded at boot should not be changed. They contain the factory calibration values. Their content is automatically restored when the device is powered-up. INT1_SOURCE r 31 011 0001 00000000 INT1_THS rw 32 011 0010 00000000 INT1_DURATION rw 33 011 0011 00000000 Reserved rw 34-37 00000000 CLICK_CFG rw 38 011 1000 00000000 CLICK_SRC r 39 011 1001 00000000 CLICK_THS rw 3A 011 1010 00000000 TIME_LIMIT rw 3B 011 1011 00000000 TIME_LATENCY rw 3C 011 1100 00000000 TIME_WINDOW rw 3D 011 1101 00000000 Table 17. Register address map Name Type Register address Default Comment Hex Binary |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |