Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

2SB1448 Datasheet(PDF) 7 Page - Shindengen Electric Mfg.Co.Ltd

No. de pieza 2SB1448
Descripción Electrónicos  Darlington Transistor(-15A PNP)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Página de inicio  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SB1448 Datasheet(HTML) 7 Page - Shindengen Electric Mfg.Co.Ltd

  2SB1448 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SB1448 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SB1448 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SB1448 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SB1448 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SB1448 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SB1448 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SB1448 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd 2SB1448 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Forward Bias SOA
-0.01
-0.1
-1
-10
-1
-10
-100
2SB1448
Tc = 25
°C
Single Pulse
150
µs
1ms
10ms
DC
-22
-15
Collector-Emitter Voltage VCE [V]
PT limit
IS/B limit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com