Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

B1503S Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

No. de pieza B1503S
Descripción Electrónicos  isc Silicon PNP Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ISC [Inchange Semiconductor Company Limited]
Página de inicio  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

B1503S Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  B1503S Datasheet HTML 1Page - Inchange Semiconductor Company Limited B1503S Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Darlington Power Transistor
2SB1503
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= -30mA; IB= 0
-140
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -7A; IB= -7mA
B
-2.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= -7A; IB= -7mA
B
-3.0
V
ICBO
Collector Cutoff Current
VCB= -160V; IE= 0
-100
μA
ICEO
Collector Cutoff Current
VCE= -140V; IB= 0
-100
μA
IEBO
Emitter Cutoff Current
VEB= -5V; IC= 0
-100
μA
hFE-1
DC Current Gain
IC= -1A; VCE= -5V
2000
hFE-2
DC Current Gain
IC= -7A; VCE= -5V
5000
30000
fT
Current-Gain—Bandwidth Product
IC= -0.5A; VCE= -10V
20
MHz
Switching Times
ton
Turn-on Time
1.0
μs
tstg
Storage Time
1.5
μs
tf
Fall Time
IC= -7A; IB1= -IB2= -7mA,
VCC= -50V
1.2
μs
hFE-2 Classifications
Q
S
P
5000-15000
7000-21000
8000-30000
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com