Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MJ2400 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

No. de pieza MJ2400
Descripción Electrónicos  Inrush Current Controllers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Página de inicio  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MJ2400 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  MJ2400 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MJ2400 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd MJ2400 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd MJ2400 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd MJ2400 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd MJ2400 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd MJ2400 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd MJ2400 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd MJ2400 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SHINDENGEN
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
MJ2400
RATINGS
OUTLINE DIMENSIONS
Unit : mm
MJ2400
Case : MA10
Inrush Current Controllers
●Absolute Maximum Ratings
Symbol
Unit
AC100V
AC200V
Storage Temperature
Tstg
Junction Temperature
Tj
135
110
Maximum Reverse Voltage
VRM
⑧-①,⑧-⑩,①-④,⑩-④,⑦-①,⑦-⑩
V
Repetitive Peak Reverse Voltage
VRRM
④-③  RGK=1kΩ
200
400
V
Non-repetitive Peak Reverse Voltage
VRSM
④-③  RGK=1kΩ
300
500
V
Repetitive Off-state Voltage
VDRM
③-④  RGK=1kΩ
200
400
V
Non-repetitive Off-state Voltage
VDSM
③-④  RGK=1kΩ
300
500
V
Ta=25℃
1.6
1.24
A
Average Rectified Forward Current
IO
Sine Wave 50HZ Resistance Load(⑧-③)
Heatsink
Tc=106℃
3.4
-
A
Tc=95℃
-
1.9
A
Peak Surge Forward Current
I
FSM
Sine Wave 50HZ 1Cycle ①-⑩(⑧-③Short,⑤-④Forward Bias)
A
Peak Gate Forward Current
IFGM
50HZ,duty≦10%,⑤-④
A
Critical Rate Of Rise On-state Voltage
diT/dt
③-④
A/μ s
Dielectric Strength
Vdis
Terminals To Case AC 1 min
kV
●Electrical Characteristics (Tc=25℃)
Symbol
Unit
AC100V
AC200V
Di
Reverse Current
IR
VR=600V,⑧-①,⑧-⑩,①-④,⑩-④,⑦-①,⑦-⑩
μA
Forward Voltage
VF
IF=2A,①-⑧,⑩-⑧,④-①,④-⑩,①-⑦,⑩-⑦
V
Repetitive Peak Reverse Current
IRRM
VRR=400V,④-③  RGK=1kΩ
μA
Off-state Current
IDRM
VDR=400V,③-④  RGK=1kΩ
μA
SCR On-state Voltage
VT
IT=3.4A, ③-④  RGK=1kΩ
V
Gate-Trigger Current
IGT
VD=6V,RL=20kΩ  RGK=1kΩ
mA
Gate-Trigger Voltage
VGT
VD=6V,RL=20kΩ  RGK=1kΩ
V
Gate-Non-Trigger Voltage
VGD
VD=200V
V
θja
Junction to Ambient
℃/W
Thermal Resistance
θjc
Junction to Case
℃/W
θjL
Junction to Lead
℃/W
Figure in ○=Terminal Sign
AC100V:90to132V AC200V:180to276V
MAX 1.05
MIN 2.9
MIN 8
MAX 1
MAX 1
MIN 0.3
MIN 27
MAX 1.05
MAX 10
Ratings
MAX 10
Item
MAX 10
50
2
-30~150
Item
Input Condition *1
Input Condition *1
Ratings
Conditions
Conditions
80
600
0.7


Número de pieza similar - MJ2400

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mercury United Electron...
MJ2 MERCURY-MJ2 Datasheet
105Kb / 1P
Surface Mount Crystals
logo
EUROQUARTZ limited
MJ2 EUROQUARTZ-MJ2 Datasheet
148Kb / 1P
5.0 x 3.2 x 0.9mm SMD
logo
List of Unclassifed Man...
MJ2-1 ETC-MJ2-1 Datasheet
8Mb / 17P
Basic Limit Switch
MJ2-1300 ETC-MJ2-1300 Datasheet
8Mb / 17P
Basic Limit Switch
MJ2-1300-AFR-20 ETC-MJ2-1300-AFR-20 Datasheet
8Mb / 17P
Basic Limit Switch
More results

Descripción similar - MJ2400

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Supertex, Inc
HV100 SUTEX-HV100 Datasheet
83Kb / 5P
3-Pin Hotswap, Inrush Current Limiter Controllers
HV300 SUTEX-HV300 Datasheet
78Kb / 6P
Hotswap, Inrush Current Limiter Controllers
logo
STMicroelectronics
STIL STMICROELECTRONICS-STIL Datasheet
155Kb / 11P
AC INRUSH CURRENT LIMITER
06-Dec-2005
logo
EPCOS
B57238 EPCOS-B57238 Datasheet
194Kb / 6P
Inrush current limiters
logo
Supertex, Inc
HV100 SUTEX-HV100_07 Datasheet
591Kb / 8P
3-Pin Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV310 SUTEX-HV310_09 Datasheet
674Kb / 7P
Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV300 SUTEX-HV300_09 Datasheet
705Kb / 7P
Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV101 SUTEX-HV101_13 Datasheet
832Kb / 8P
3-Pin Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV100 SUTEX-HV100_13 Datasheet
838Kb / 8P
3-Pin Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
logo
STMicroelectronics
STNRGPF01 STMICROELECTRONICS-STNRGPF01 Datasheet
1Mb / 40P
Inrush current control
14-Apr-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com