Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MTA011 Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

No. de pieza MTA011
Descripción Electrónicos  High Output Interface Driver ICs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Página de inicio  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MTA011 Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  MTA011 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MTA011 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
MTA011
High Output Interface Driver ICs
Note) Please connect the terminal 12~15
to the GND at outside correctly.
Equivalent Circuit
Pin Assignment
Package
ZIP-27
●True Table
Vcc
VIN
VENA
Output Transistor
L
××
OFF
HHH
ON
HH
L
OFF
HL
H
OFF
HL
L
OFF
●Recommended Operating Conditions (Ta=25℃)
Item
Symbol
min.
typ.
max.
Unit
Supply Voltage
VCC
4.5
5.0
5.5
V
Output Current
IC IF
1.5
A
Output Voltage
VCE VR
70
V
Junction Temperature
Tj
-25
120



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com