Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BD750 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

No. de pieza BD750
Descripción Electrónicos  isc Silicon PNP Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ISC [Inchange Semiconductor Company Limited]
Página de inicio  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD750 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD750 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD750 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistors
BD750/750A
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BD750
-90
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
BD750A
IC= -100mA ; IB= 0
-120
V
BD750
IC= -7.5A; IB= -0.75A
B
-1.5
VCE(sat)
Collector-Emitter
Saturation Voltage
BD750A
IC= -5A; IB= -0.5A
B
-1.0
V
BD750
IC= -7.5A; IB= -0.75A
B
-1.8
VBE(sat)
Base-Emitter
Saturation Voltage
BD750A
IC= -5A; IB= -0.5A
B
-1.8
V
BD750
VCEV= -100V;VBE(off)= -1.5V
-0.5
ICEV
Collector
Cutoff Current
BD750A
VCEV= -130V;VBE(off)= -1.5V
-0.5
mA
IEBO
Emitter Cutoff Current
VEB= -7V; IC=0
-1.0
mA
BD750
IC= -7.5A ; VCE= -2V
15
60
hFE
DC Current Gain
BD750A
IC= -5A ; VCE= -2V
25
100
fT
Current-Gain—Bandwidth Product
IC= -0.5A ;VCE= -10V; ftest= 1MHz
4
MHz
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com