Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BUS24B Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

No. de pieza BUS24B
Descripción Electrónicos  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ISC [Inchange Semiconductor Company Limited]
Página de inicio  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUS24B Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUS24B Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUS24B Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
BUS24B/C
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BUS24B
400
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
BUS24C
IC= 0.1A ; IB= 0; L= 25mH
450
V
BUS24B
IC= 20A; IB= 2.66A
1.5
VCE(sat)
Collector-Emitter
Saturation Voltage
BUS24C
IC= 20A; IB= 3.34A
1.5
V
BUS24B
IC= 20A; IB= 2.66A
1.5
VBE(sat)
Base-Emitter
Saturation Voltage
BUS24C
IC= 20A; IB= 3.34A
1.5
V
ICES
Collector Cutoff Current
VCE=VCESMmax; VBE= 0
1
mA
IEBO
Emitter Cutoff Current
VEB= 9V; IC= 0
10
mA
hFE
DC Current Gain
IC= 3A ; VCE= 5V
25
Switching Times , Resistive Load
ton
Turn-On Time
1.0
μs
tstg
Storage Time
4.5
μs
tf
Fall Time
For BUS24B
IC= 20A ;IB1= -IB2= 2.66A
For BUS24C
IC= 20A ;IB1= -IB2= 3.34A
0.7
μs
isc Website:www.iscsemi.cn



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com