| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DM3725CBC Datasheet(PDF) 32 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DM3725CBC Datasheet(HTML) 32 Page - Texas Instruments |
|
32 / 280 page ![]() DM3730, DM3725 SPRS685D – AUGUST 2010 – REVISED JULY 2011 www.ti.com Table 2-1. Ball Characteristics (CBP Pkg.)(3) (continued) BALL BALL BALL RESET BUFFER PULLUP BALL TOP RESET IO CELL BOTTOM PIN NAME [2] MODE [3] TYPE [4] RESET REL. MODE POWER [8] HYS [9] STRENGTH /DOWN [1] REL. [12] [1] STATE [5] [7] (mA) [10] TYPE [11] STATE [6] hw_dbg7 5 O safe_mode 7 K28 NA cam_d6 0 I L L 7 vdds Yes NA PU/ PD LVCMOS gpio_105 4 I safe_mode 7 L28 NA cam_d7 0 I L L 7 vdds Yes NA PU/ PD LVCMOS gpio_106 4 I safe_mode 7 K27 NA cam_d8 0 I L L 7 vdds Yes NA PU/ PD LVCMOS gpio_107 4 I safe_mode 7 L27 NA cam_d9 0 I L L 7 vdds Yes NA PU/ PD LVCMOS gpio_108 4 I safe_mode 7 B25 NA cam_d10 0 I L L 7 vdds Yes 8 PU/ PD LVCMOS gpio_109 4 IO hw_dbg8 5 O safe_mode 7 C26 NA cam_d11 0 I L L 7 vdds Yes 8 PU/ PD LVCMOS gpio_110 4 IO hw_dbg9 5 O safe_mode 7 B26 NA cam_xclkb 0 O L L 7 vdds Yes 4 PU/ PD LVCMOS gpio_111 4 IO safe_mode 7 B23 NA cam_wen 0 I L L 7 vdds Yes 4 PU/ PD LVCMOS cam_shutter 2 O gpio_167 4 IO hw_dbg10 5 O safe_mode 7 D25 NA cam_strobe 0 O L L 7 vdds Yes 4 PU/ PD LVCMOS gpio_126 4 IO hw_dbg11 5 O safe_mode 7 AG19 NA gpio_112 4 I L L 7 vdds Yes NA PU/PD LVCMOS safe_mode 7 AH19 NA gpio_113 4 I L L 7 vdds Yes NA PU/PD LVCMOS safe_mode 7 AG18 NA gpio_114 4 I L L 7 vdds Yes NA PU/PD LVCMOS safe_mode 7 - AH18 NA gpio_115 4 I L L 7 vdds Yes NA PU/PD LVCMOS safe_mode 7 - P21 NA mcbsp2_fsx 0 IO L L 7 vdds Yes 4 PU/ PD LVCMOS gpio_116 4 IO safe_mode 7 N21 NA mcbsp2_clkx 0 IO L L 7 vdds Yes 4 PU/ PD LVCMOS gpio_117 4 IO safe_mode 7 R21 NA mcbsp2_dr 0 I L L 7 vdds Yes 4 PU/ PD LVCMOS gpio_118 4 IO safe_mode 7 M21 NA mcbsp2_dx 0 IO L L 7 vdds Yes 4 PU/ PD LVCMOS gpio_119 4 IO safe_mode 7 32 TERMINAL DESCRIPTION Copyright © 2010–2011, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): DM3730 DM3725 |