Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EDS5-89 Datasheet(PDF) 7 Page - Fuji Electric

No. de pieza EDS5-89
Descripción Electrónicos  OPTICAL PRESSURE TRANSMITTER REMOTE SEAL TYPE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUJI [Fuji Electric]
Página de inicio  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EDS5-89 Datasheet(HTML) 7 Page - Fuji Electric

  EDS5-89 Datasheet HTML 1Page - Fuji Electric EDS5-89 Datasheet HTML 2Page - Fuji Electric EDS5-89 Datasheet HTML 3Page - Fuji Electric EDS5-89 Datasheet HTML 4Page - Fuji Electric EDS5-89 Datasheet HTML 5Page - Fuji Electric EDS5-89 Datasheet HTML 6Page - Fuji Electric EDS5-89 Datasheet HTML 7Page - Fuji Electric EDS5-89 Datasheet HTML 8Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
50A, 2B
FLANGE
100A, 4B
80A, 3B
Type
71
141
116
49
103
100
84
151
126
FBM*R**3
50A, 11/2B
71
49
84
FBM*S**3
FBM*Q**3
FBM*P**3
P
φJ
φH
20
37
54
315
47
27
FBM
3
P
Q
R
S
1
2
3
4
Note) For S, refer to CODE SYMBOLS.
1/2-14NPT
G1/2
FBMT
E
FBMS
Type
2
Packing
20
45
100
18
2
53
G1
S
37
E
φ15
15
241
80
54
315
47
27
70
108
FBM
K
V3
4
5
2-M6, depth 9
for flange mounting
Indicator (option)
B
Optical cable lead-in port
Mounting pipe
JIS 50A (2B)
U-bolt
(M8)
Details of "B"



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com