Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TSA1765CWRP Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TSA1765CWRP
Descripción Electrónicos  High Voltage PNP Epitaxial Planar Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSA1765CWRP Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSA1765CWRP Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSA1765CWRP Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSA1765CWRP Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSA1765CWRP Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TSA1765
High Voltage PNP Epitaxial Planar Transistor
1/4
Version: B11
SOT-223
PRODUCT SUMMARY
BVCBO
-600V
BVCEO
-560V
IC
-150mA
VCE(SAT)
-0.5V @ IC / IB = -50mA / -10mA
Features
Low Saturation Voltages
High Breakdown Voltage
Ordering Information
Part No.
Package
Packing
TSA1765CW RP
SOT-223
2.5Kpcs / 13” Reel
Structure
Epitaxial Planar Type
PNP Silicon Transistor
Absolute Maximum Rating (Ta = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
-600
V
Collector-Emitter Voltage
VCEO
-560
V
Emitter-Base Voltage
VEBO
-7
V
Collector Current
IC
-150
mA
Collector Current(Pulse)
ICP
-500
Base Current
IB
-50
Total Power Dissipation @ TC=25ºC
Ptot
2
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TSTG
- 55 to +150
oC
Electrical Specifications (Ta = 25
oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage
IC = -1mA, IE = 0
BVCBO
-600
--
--
V
Collector-Emitter Breakdown Voltage
IC = -1mA, IB = 0
BVCEO
-560
--
--
V
Emitter-Base Breakdown Voltage
IE = -10uA, IC = 0
BVEBO
-7
--
--
V
Collector Cutoff Current
VCB = -600V, IE = 0
ICBO
--
--
-100
nA
Emitter Cutoff Current
VEB = -7V, IC = 0
IEBO
--
--
-100
nA
Collector-Emitter Saturation Voltage
IC = -20mA, IB = -2mA
VCE(SAT) 1
--
--
-0.2
V
IC = -50mA, IB = -10mA
VCE(SAT) 2
--
--
-0.5
Base-Emitter Saturation Voltage
IC = -50mA, IB = -10mA
VBE(SAT) 1
--
--
-1.0
V
Base-Emitter on Voltage
VCE = -10V, IC = -50mA
VBE(ON)
--
--
-1.0
V
DC Current Transfer Ratio
VCE = -10V, IC = -1mA
hFE 1
150
--
--
VCE = -10V, IC = -50mA
hFE 2
80
--
300
VCE = -10V, IC = -100mA
hFE 3
--
15--
--
Transition Frequency
VCE = -20V, IE=-10mA
fT
50
--
--
MHz
Output Capacitance
VCB = -20V, f=1MHz
Cob
--
--
8
pF
Pin Definition:
1. Base
2. Collector
3. Emitter


Número de pieza similar - TSA1765CWRP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TSA1765CWRP TSC-TSA1765CWRP Datasheet
150Kb / 4P
High Voltage PNP Epitaxial Planar Transistor
More results

Descripción similar - TSA1765CWRP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KTA1023 KEC-KTA1023 Datasheet
334Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE)
KTA1659 KEC-KTA1659 Datasheet
128Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE)
KTA968A KEC-KTA968A Datasheet
120Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE)
logo
Cystech Electonics Corp...
BTP6520A3 CYSTEKEC-BTP6520A3 Datasheet
154Kb / 4P
High Voltage PNP Epitaxial Planar Transistor
BTPA94A3 CYSTEKEC-BTPA94A3 Datasheet
156Kb / 4P
High Voltage PNP Epitaxial Planar Transistor
BTP6520N3 CYSTEKEC-BTP6520N3 Datasheet
151Kb / 4P
High Voltage PNP Epitaxial Planar Transistor
BTB9050N3 CYSTEKEC-BTB9050N3 Datasheet
278Kb / 7P
High Voltage PNP Epitaxial Planar Transistor
BTP9050N3 CYSTEKEC-BTP9050N3 Datasheet
281Kb / 7P
High Voltage PNP Epitaxial Planar Transistor
BTA1727J3 CYSTEKEC-BTA1727J3 Datasheet
433Kb / 7P
High Voltage PNP Epitaxial Planar Transistor
BTA1727M3 CYSTEKEC-BTA1727M3 Datasheet
432Kb / 8P
High Voltage PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com