Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BSM15GD60DN2 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

No. de pieza BSM15GD60DN2
Descripción Electrónicos  IGBT Power Module (Power module 3-phase full-bridge Including fast free-wheel diodes)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIEMENS [Siemens Semiconductor Group]
Página de inicio  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSM15GD60DN2 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

  BSM15GD60DN2 Datasheet HTML 1Page - Siemens Semiconductor Group BSM15GD60DN2 Datasheet HTML 2Page - Siemens Semiconductor Group BSM15GD60DN2 Datasheet HTML 3Page - Siemens Semiconductor Group BSM15GD60DN2 Datasheet HTML 4Page - Siemens Semiconductor Group BSM15GD60DN2 Datasheet HTML 5Page - Siemens Semiconductor Group BSM15GD60DN2 Datasheet HTML 6Page - Siemens Semiconductor Group BSM15GD60DN2 Datasheet HTML 7Page - Siemens Semiconductor Group BSM15GD60DN2 Datasheet HTML 8Page - Siemens Semiconductor Group BSM15GD60DN2 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Semiconductor Group
7
Jan-09-1997
BSM 15 GD 60 DN2
Typ. switching time
I = f (IC) , inductive load , Tj = 125°C
par.:
VCE = 300 V, VGE = ± 15 V, RG = 68 Ω
0
5
10
15
20
25
30
A
40
I
C
1
10
2
10
3
10
ns
t
tdon
tr
tdoff
tf
Typ. switching time
t = f (RG) , inductive load , Tj = 125°C
par.:
VCE = 300 V, VGE = ± 15 V, IC = 15 A
0
20
40
60
80 100 120 140 160
200
R
G
1
10
2
10
3
10
ns
t
tdon
tr
tdoff
tf
Typ. switching losses
E = f (IC) , inductive load , Tj = 125°C
par.:
VCE = 300 V, VGE = ± 15 V, RG = 68 Ω
0
5
10
15
20
25
30
A
40
I
C
0.0
0.5
1.0
1.5
2.0
mWs
3.0
E
Eon
Eoff
Typ. switching losses
E = f (RG) , inductive load , Tj = 125°C
par.:
VCE = 300V, VGE = ± 15 V, IC = 15 A
0
20
40
60
80 100 120 140 160
200
R
G
0.0
0.5
1.0
1.5
2.0
mWs
3.0
E
Eon
Eoff



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com