Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LM2576BM Datasheet(PDF) 6 Page - Tiger Electronic Co.,Ltd

No. de pieza LM2576BM
Descripción Electrónicos  3A Step-Down Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TGS [Tiger Electronic Co.,Ltd]
Página de inicio  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM2576BM Datasheet(HTML) 6 Page - Tiger Electronic Co.,Ltd

  LM2576BM Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM2576BM Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM2576BM Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM2576BM Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM2576BM Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LM2576BM Datasheet HTML 6Page - Tiger Electronic Co.,Ltd LM2576BM Datasheet HTML 7Page - Tiger Electronic Co.,Ltd LM2576BM Datasheet HTML 8Page - Tiger Electronic Co.,Ltd LM2576BM Datasheet HTML 9Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LM2576BM
6/9
APPLI CATION CI RCUI T
Ty p i c a l
Low Noise
APPLI CATION INFORMATION
Careful layout is important with any switching regulator. Rapidly switching currents
associated with wiring inductance generate voltage transients which can cause problems. To
minimize inductance and ground loops, the lengths of the leads indicated by heavy lines in
Figure 1 below should be kept as short as possible. Single point grounding or ground plane
construction should be used for best results. When using the Adjustable version, place the
programming resistors as close as possible to
LM2576BM, to keep the sensitive feedback
wiring short.
INPUT CA PACITOR C IN
A low ESR aluminum or tantalum bypass capacitor is needed between the input pin and
ground pin. It must be located near the regulator using short leads. This capacitor prevents
large voltage transients from appearing at the input, and provides the instantaneous current
needed each time the switch turns on. Selecting an input capacitor requires consulting the
manufacturers data sheet for maximum allowable RMS ripple current. For a maximum
ambient temperature of 40°C, a general guideline would be to select a capacitor with a
ripple current rating of approximately 50% of the DC load current. For ambient
LM2576BM
LM 2576BM



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com