Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TIP122 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

No. de pieza TIP122
Descripción Electrónicos  COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TGS [Tiger Electronic Co.,Ltd]
Página de inicio  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

TIP122 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  TIP122 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-220
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
100
V
Collector-Emitter Voltage
V
CEO
100
V
Emitter-Base Voltage
V
EBO
5
V
Collector Current
I
C
5.0
A
Base Current
I
B
0.1
A
Total Dissipation at
P
tot
65
W
Max. Operating Junction Temperature
T
j
150
oC
Storage Temperature
T
stg
-55~150
oC
TIP122 / TIP127
DESCRIPTION
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Collector Cut-off Current
ICEO
V
CB=100V, IE=0
0.5
mA
Emitter Cut-off Current
IEBO
V
EB=5V, IC=0
2.0
mA
Collector-Emitter Sustaining Voltage
VCEO
I
C=30mA, IB=0
100
V
DC Current Gain
hFE(1)
V
CE=3V, IC=0.5A
1000
hFE(2)
V
CE=3V, IC=3.0A
1000
Collector-Emitter Saturation Voltage
VCE(sat)
I
C=3.0A,IB=12mA
2
V
I
C=5.0A,IB=20mA
4
Base-Emitter Saturation Voltage
VBE(sat) V
CE=3V,IC=3.0A
2.5
V
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Product specification
The TIP122 are silicon Epitaxial-Base NPN power transistors in monolithic Darlington
configuration mounted in Jedec TO-220 plastic package. They are intented for use in power
linear and switching applications.The complementary PNP types are TIP127 respectively.
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS ( Ta = 25 C)
O
( Ta = 25 C)
O
TIGER ELECTRONIC CO.,LTD


Número de pieza similar - TIP122

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
TIP122 MOSPEC-TIP122 Datasheet
206Kb / 4P
POWER TRANSISTORS(5.0A,60-100V,65W)
logo
Motorola, Inc
TIP122 MOTOROLA-TIP122 Datasheet
251Kb / 6P
DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Power Innovations Ltd
TIP122 POINN-TIP122 Datasheet
157Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP122 STMICROELECTRONICS-TIP122 Datasheet
53Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2000
logo
Boca Semiconductor Corp...
TIP122 BOCA-TIP122 Datasheet
28Kb / 2P
Power Darlingtons for Linear and Switching Applications
More results

Descripción similar - TIP122

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Central Semiconductor C...
2N6034 CENTRAL-2N6034 Datasheet
346Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
2N6053 CENTRAL-2N6053 Datasheet
55Kb / 1P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
TIP100 CENTRAL-TIP100 Datasheet
70Kb / 1P
Silicon Power darlington Complementary transistors
MJ4032 CENTRAL-MJ4032 Datasheet
582Kb / 2P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PMD18K CENTRAL-PMD18K Datasheet
488Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
BDW42G ONSEMI-BDW42G Datasheet
89Kb / 7P
Darlington Complementary Silicon Power Transistors
August, 2016 ??Rev. 17
logo
Tiger Electronic Co.,Lt...
MJD112 TGS-MJD112 Datasheet
204Kb / 1P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com